Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF512SYGWA-S530-E2-S290 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # SF512SYGWA-S530-E2-S290
Description  0.56 Quadruple Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SF512SYGWA-S530-E2-S290 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  SF512SYGWA-S530-E2-S290 Datasheet HTML 1Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 2Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 3Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 4Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 5Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 6Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 7Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Technical Data Sheet
0.56" Quadruple Digit SMD Displays
ELSF-512SYGWA/S530-E2/S290
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 6 of 8
Device No.: DDF-0000023
Prepared date: 2009/07/02
Prepared by: Sun Li
■ Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO
Item
Test
Conditions
Test
Hours/Cycle
Sample
Size
Failure
Judgment
Criteria
Ac/Re
1
Reflow
Soldering
TEMP:260°C±5°C
5~10 SEC
6 Min
22 PCS
0/1
2
Temperature
Cycle
H:+100°C 15min
∫ 5min
L:-40°C 15min
300 Cycles
22 PCS
0/1
3
Thermal
Shock
H:+100°C 5min
∫ 10 sec
L:-10°C 5min
300 Cycles
22 PCS
0/1
4
High
Temperature
Storage
TEMP:105°C
1000 HRS
22 PCS
0/1
5
Low
Temperature
Storage
TEMP:-40°C
1000 HRS
22 PCS
0/1
6
DC Operating
Life
TEMP:25°C
If=10mA
1000 HRS
22 PCS
0/1
7
High
Temperature /
High
Humidity
85°C / 85% RH
1000 HRS
22 PCS
Iv≦Ivt*0.5
or
VF≧U
or
VF≦L
0/1
Note:Ivt:The test Iv value of the chip before the reliability test
Iv:The test value of the chip that has completed the reliability test
U:Upper Specification Limit
L: Lower Specification Limit


Similar Part No. - SF512SYGWA-S530-E2-S290

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SF512SURWA-S530-A3-S290 EVERLIGHT-SF512SURWA-S530-A3-S290 Datasheet
306Kb / 8P
   0.56 Quadruple Digit SMD Displays
More results

Similar Description - SF512SYGWA-S530-E2-S290

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSF-512SYGWA EVERLIGHT-ELSF-512SYGWA Datasheet
189Kb / 8P
   0.56 Quadruple Digit SMD Displays
ELSF-512SURWA EVERLIGHT-ELSF-512SURWA Datasheet
306Kb / 8P
   0.56" Quadruple Digit SMD Displays
ELSF-511SURWA EVERLIGHT-ELSF-511SURWA Datasheet
316Kb / 8P
   0.56" Quadruple Digit SMD Displays
SF512SURWA-S530-A3-S290 EVERLIGHT-SF512SURWA-S530-A3-S290 Datasheet
306Kb / 8P
   0.56 Quadruple Digit SMD Displays
ELSF-511SYGWA EVERLIGHT-ELSF-511SYGWA Datasheet
219Kb / 8P
   0.56 Quadruple Digit SMD Displays
ELF-511SYGWA EVERLIGHT-ELF-511SYGWA Datasheet
136Kb / 6P
   0.56 Quadruple Digit Displays
ELF-512USOWA EVERLIGHT-ELF-512USOWA Datasheet
143Kb / 6P
   0.56 Quadruple Digit Displays
ELF-511SURWA EVERLIGHT-ELF-511SURWA Datasheet
147Kb / 7P
   0.56 Quadruple Digit Displays
ELF-512SURWA EVERLIGHT-ELF-512SURWA Datasheet
152Kb / 7P
   0.56 Quadruple Digit Displays
ELF-511USOWA EVERLIGHT-ELF-511USOWA Datasheet
137Kb / 6P
   0.56 Quadruple Digit Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com