Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XUAN1919-KT507P9-36817 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # XUAN1919-KT507P9-36817
Description  36V/17W series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XUAN1919-KT507P9-36817 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button XUAN1919-KT507P9-36817 Datasheet HTML 2Page - Everlight Electronics Co., Ltd XUAN1919-KT507P9-36817 Datasheet HTML 3Page - Everlight Electronics Co., Ltd XUAN1919-KT507P9-36817 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XUAN1919-KT507P9-36817 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XUAN1919-KT507P9-36817 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XUAN1919-KT507P9-36817 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XUAN1919-KT507P9-36817 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XUAN1919-KT507P9-36817 Datasheet HTML 9Page - Everlight Electronics Co., Ltd XUAN1919-KT507P9-36817 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DATASHEET
XUAN1919
36V/17W Series
6
Copyright © 2013, Everlight All Rights Reserved. Release Date:December.12.2013. Issue No: DHE-0002305 Rev:3
www.everlight.com
Product Binning
Luminous Flux Bins
Group
Bin
Minimum
Photometric
Flux (lm)
Maximum
Photometric
Flux (lm)
Group
Bin
Minimum
Photometric
Flux (lm)
Maximum
Photometric
Flux (lm)
J
1
100
110
S
1
2200
2400
2
110
120
2
2400
2600
3
120
130
3
2600
2800
4
130
140
4
2800
3000
5
140
150
5
3000
3200
6
150
160
6
3200
3400
7
160
180
7
3400
3600
8
180
200
8
3600
3800
9
200
225
9
3800
4000
K
1
225
250
M
1
4000
4200
2
250
275
2
4200
4400
3
275
300
3
4400
4600
4
300
325
4
4600
4800
5
325
350
5
4800
5000
6
350
375
6
5000
5200
7
375
400
7
5200
5400
8
400
425
8
5400
5600
9
425
450
9
5600
5800
N
1
450
475
Q
1
5800
6000
2
475
500
2
6000
6200
3
500
550
3
6200
6400
4
550
600
4
6400
6600
5
600
650
5
6600
6800
6
650
700
6
6800
7000
7
700
750
7
7000
7200
8
750
800
8
7200
7400
9
800
900
9
7400
7600
P
1
900
1000
2
1000
1100
3
1100
1200
4
1200
1350
5
1350
1500
6
1500
1650
7
1650
1800
8
1800
2000
9
2000
2200


Similar Part No. - XUAN1919-KT507P9-36817

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1919-KT507P4-36510 EVERLIGHT-XUAN1919-KT507P4-36510 Datasheet
1Mb / 24P
   36V/8W series
XUAN1919-KT507P6-36613 EVERLIGHT-XUAN1919-KT507P6-36613 Datasheet
786Kb / 24P
   36V/13W series
More results

Similar Description - XUAN1919-KT507P9-36817

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1919-KM307P8-36817 EVERLIGHT-XUAN1919-KM307P8-36817 Datasheet
897Kb / 24P
   36V/17W series
XUAN1919-KM357P8-36817 EVERLIGHT-XUAN1919-KM357P8-36817 Datasheet
897Kb / 24P
   36V/17W series
XUAN1919-KM277P7-36817 EVERLIGHT-XUAN1919-KM277P7-36817 Datasheet
897Kb / 24P
   36V/17W series
XUAN1919-KM407P8-36817 EVERLIGHT-XUAN1919-KM407P8-36817 Datasheet
897Kb / 24P
   36V/17W series
XUAN1919-KM457P9-36817 EVERLIGHT-XUAN1919-KM457P9-36817 Datasheet
897Kb / 24P
   36V/17W series
XUAN1919-KT577P9-36817 EVERLIGHT-XUAN1919-KT577P9-36817 Datasheet
897Kb / 24P
   36V/17W series
logo
Rohm
BD5423MUV ROHM-BD5423MUV Datasheet
485Kb / 17P
   17W17W Class-D Speaker Amplifier for Analog Input
logo
Seoul Semiconductor
MJD-2V16W1P3 SEOUL-MJD-2V16W1P3 Datasheet
546Kb / 20P
   120V 17W Downlight
logo
Rohm
BD5423AEFS ROHM-BD5423AEFS Datasheet
479Kb / 18P
   17W17W Class-D Speaker Amplifier for Analog Input
BM28723MUV ROHM-BM28723MUV Datasheet
4Mb / 82P
   17W17W Full Digital Speaker Amplifier with built-in DSP
11.May.2018 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com