Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMAJ13A Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # P4SMAJ13A
Description  Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4SMAJ13A Datasheet(HTML) 3 Page - Diotec Semiconductor

  P4SMAJ13A Datasheet HTML 1Page - Diotec Semiconductor P4SMAJ13A Datasheet HTML 2Page - Diotec Semiconductor P4SMAJ13A Datasheet HTML 3Page - Diotec Semiconductor P4SMAJ13A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P4SMAJ5.0 ... P4SMAJ170CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
bidir. = C / CA
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P4SMAJ36
36
5
40.0
48.4
64.3
6.2
P4SMAJ36A
36
5
40.0
44.4
58.1
6.9
P4SMAJ40
40
5
44.4
54.2
71.4
5.6
P4SMAJ40A
40
5
44.4
49.3
64.5
6.2
P4SMAJ43
43
5
47.8
58.3
76.7
5.2
P4SMAJ43A
43
5
47.8
53.1
69.4
5.8
P4SMAJ45
45
5
50.0
61.0
80.3
5.0
P4SMAJ45A
45
5
50.0
55.5
72.7
5.5
P4SMAJ48
48
5
53.3
65.0
85.5
4.7
P4SMAJ48A
48
5
53.3
59.2
77.4
5.2
P4SMAJ51
51
5
56.7
69.2
91.1
4.4
P4SMAJ51A
51
5
56.7
62.9
82.4
4.9
P4SMAJ54
54
5
60.0
73.2
96.3
4.2
P4SMAJ54A
54
5
60.0
66.6
87.1
4.6
P4SMAJ58
58
5
64.4
78.6
103
3.9
P4SMAJ58A
58
5
64.4
71.5
93.6
4.3
P4SMAJ60
60
5
66.7
81.4
107
3.7
P4SMAJ60A
60
5
66.7
74.0
96.8
4.1
P4SMAJ64
64
5
71.1
86.7
114
3.5
P4SMAJ64A
64
5
71.1
78.9
103
3.9
P4SMAJ70
70
5
77.8
94.9
125
3.2
P4SMAJ70A
70
5
77.8
86.4
113
3.5
P4SMAJ75
75
5
83.3
102
134
3.0
P4SMAJ75A
75
5
83.3
92.5
121
3.3
P4SMAJ78
78
5
86.7
106
139
2.9
P4SMAJ78A
78
5
86.7
96.2
126
3.2
P4SMAJ85
85
5
94.4
115
151
2.6
P4SMAJ85A
85
5
94.4
105
137
2.9
P4SMAJ90
90
5
100
122
160
2.5
P4SMAJ90A
90
5
100
111
146
2.7
P4SMAJ100
100
5
111
135
179
2.2
P4SMAJ100A
100
5
111
123
162
2.5
P4SMAJ110
110
5
122
149
196
2.0
P4SMAJ110A
110
5
122
135
177
2.3
P4SMAJ120
120
5
133
162
214
1.9
P4SMAJ120A
120
5
133
148
193
2.1
P4SMAJ130
130
5
144
176
231
1.7
P4SMAJ130A
130
5
144
160
209
1.9
P4SMAJ150
150
5
167
204
268
1.5
P4SMAJ150A
150
5
167
185
243
1.6
P4SMAJ160
160
5
178
217
287
1.4
P4SMAJ160A
160
5
178
198
259
1.5
P4SMAJ170
170
5
189
231
304
1.3
P4SMAJ170A
170
5
189
210
275
1.5
P4SMA220 ... P4SMA550CA VWM = 175 ... 495V
© Diotec Semiconductor AG
http://www.diotec.com/
3


Similar Part No. - P4SMAJ13A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P4SMAJ13A SUNMATE-P4SMAJ13A Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Pan Jit International I...
P4SMAJ13A PANJIT-P4SMAJ13A Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
P4SMAJ13A PANJIT-P4SMAJ13A Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P4SMAJ13A SUNMATE-P4SMAJ13A Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P4SMAJ13A SUNMATE-P4SMAJ13A Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - P4SMAJ13A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com