Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE82A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P4KE82A
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4KE82A Datasheet(HTML) 2 Page - Diotec Semiconductor

  P4KE82A Datasheet HTML 1Page - Diotec Semiconductor P4KE82A Datasheet HTML 2Page - Diotec Semiconductor P4KE82A Datasheet HTML 3Page - Diotec Semiconductor P4KE82A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P4KE6.8 ... P4KE440CA
Maximum ratings
Grenzwerte
Type
Typ
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
VBR [V]
VWM [V]
ID [µA]
VC [V]
IPPM [A]
P4KE6.8
6.8 ± 10%
6.12...7.48 *)
5.5
1000
10.8
38.0
P4KE6.8A
6.8 ± 5%
6.45...7.14 *)
5.8
1000
10.5
40.0
P4KE7.5
7.5 ± 10%
6.75...8.25 *)
6.0
500
11.7
35.0
P4KE7.5A
7.5 ± 5%
7.13...7.88 *)
6.4
500
11.3
37.0
P4KE8.2
8.2 ± 10%
7.38...9.02 *)
6.6
200
12.5
33.0
P4KE8.2A
8.2 ± 5%
7.79...8.61 *)
7.0
200
12.1
34.0
P4KE9.1
9.1 ± 10%
8.19...10.0
7.3
50
13.8
30.0
P4KE9.1A
9.1 ± 5%
8.65...9.55
7.7
50
13.4
31.0
P4KE10
10 ± 10%
9.0...11.0
8.1
10
15.0
28.0
P4KE10A
10 ± 5%
9.5...10.5
8.5
10
14.5
29.0
P4KE11
11 ± 10%
9.9...12.1
8.9
5
16.2
26.0
P4KE11A
11 ± 5%
10.5...11.6
9.4
5
15.6
27.0
P4KE12
12 ± 10%
10.8...13.2
9.7
5
17.3
24.0
P4KE12A
12 ± 5%
11.4...12.6
10.2
5
16.7
25.0
P4KE13
13 ± 10%
11.7...14.3
10.5
5
19.0
22.0
P4KE13A
13 ± 5%
12.4...13.7
11.1
5
18.2
23.0
P4KE15
15 ± 10%
13.5...16.5
12.1
5
22.0
19.0
P4KE15A
15 ± 5%
14.3...15.8
12.8
5
21.2
21.0
P4KE16
16 ± 10%
14.4...17.6
12.9
5
23.5
17.8
P4KE16A
16 ± 5%
15.2...16.8
13.6
5
22.5
18.6
P4KE18
18 ± 10%
16.2...19.8
14.5
5
26.5
16.0
P4KE18A
18 ± 5%
17.1...18.9
15.3
5
25.2
16.5
P4KE20
20 ± 10%
18.0...22.0
16.2
5
29.1
14.0
P4KE20A
20 ± 5%
19.0...21.0
17.1
5
27.7
15.0
P4KE22
22 ± 10%
19.8...24.2
17.8
5
31.9
13.0
P4KE22A
22 ± 5%
20.9...23.1
18.8
5
30.6
13.7
P4KE24
24 ± 10%
21.6...26.4
19.4
5
34.7
12.0
P4KE24A
24 ± 5%
22.8...25.2
20.5
5
33.2
12.6
P4KE27
27 ± 10%
24.3...29.7
21.8
5
39.1
10.7
P4KE27A
27 ± 5%
25.7...28.4
23.1
5
37.5
11.0
P4KE30
30 ± 10%
27.0...33.0
24.3
5
43.5
9.6
P4KE30A
30 ± 5%
28.5...31.5
25.6
5
41.4
10.0
P4KE33
33 ± 10%
29.7...36.3
26.8
5
47.7
8.8
P4KE33A
33 ± 5%
31.4...34.7
28.2
5
45.7
9.0
P4KE36
36 ± 10%
32.4...39.6
29.1
5
52.0
8.0
P4KE36A
36 ± 5%
34.2...37.8
30.8
5
49.9
8.4
P4KE39
39 ± 10%
35.1...42.9
31.6
5
56.4
7.4
P4KE39A
39 ± 5%
37.1...41.0
33.3
5
53.9
7.7
P4KE43
43 ± 10%
38.7...47.3
34.8
5
61.9
6.7
P4KE43A
43 ± 5%
40.9...45.2
36.8
5
59.3
7.0
P4KE47
47 ± 10%
42.3...51.7
38.1
5
67.8
6.2
P4KE47A
47 ± 5%
44.7...49.4
40.2
5
64.8
6.4
P4KE51
51 ± 10%
45.9...56.1
41.3
5
73.5
5.7
P4KE51A
51 ± 5%
48.5...53.6
43.6
5
70.1
6.0
2
http://www.diotec.com/
©


Similar Part No. - P4KE82A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
P4KE82A DIOTECH-P4KE82A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4KE82A PANJIT-P4KE82A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE82A TSC-P4KE82A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Diotec Semiconductor
P4KE82A DIOTEC-P4KE82A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
SeCoS Halbleitertechnol...
P4KE82A SECOS-P4KE82A Datasheet
334Kb / 3P
   400 Peak Power
More results

Similar Description - P4KE82A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com