Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL8060BC31-17 Datasheet(PDF) 6 Page - NEC

Part # NL8060BC31-17
Description  31 cm 12.1 inches, 800 x 600 pixels, 262144 colors High luminance, Wide viewing angle, Reversible scan direction
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL8060BC31-17 Datasheet(HTML) 6 Page - NEC

  NL8060BC31-17 Datasheet HTML 1Page - NEC NL8060BC31-17 Datasheet HTML 2Page - NEC NL8060BC31-17 Datasheet HTML 3Page - NEC NL8060BC31-17 Datasheet HTML 4Page - NEC NL8060BC31-17 Datasheet HTML 5Page - NEC NL8060BC31-17 Datasheet HTML 6Page - NEC NL8060BC31-17 Datasheet HTML 7Page - NEC NL8060BC31-17 Datasheet HTML 8Page - NEC NL8060BC31-17 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet EN0510EJ1V0DS00
6
NL8060BC31-17
INTERFACE AND CONNECTOR PIN ASSIGNMENT
(1) Interface signals, power supply
CN1:
DF9-41P-1V (HIROSE ELECTRIC CO., LTD.)
Adaptable socket: DF9-41S-1V (HIROSE ELECTRIC CO., LTD.)
or
IL-310-T41S-VF (Japan Aviation Electronics Industry Limited (JAE)
Pin No.
Symbol
Function
Pin No.
Symbol
Function
1
GND
Ground
22
GND
Ground
2
CLK
Dot clock
23
G3
Green data
3
GND
Ground
24
G4
Green data
4
Hsync
Horizontal sync.
25
G5
Green data (MSB)
5
Vsync
Vertical sync.
26
GND
Ground
6
GND
Ground
27
GND
Ground
7
GND
Ground
28
GND
Ground
8
GND
Ground
29
B0
Blue data (LSB)
9
R0
Red data (LSB)
30
B1
Blue data
10
R1
Red data
31
B2
Blue data
11
R2
Red data
32
GND
Ground
12
GND
Ground
33
B3
Blue data
13
R3
Red data
34
B4
Blue data
14
R4
Red data
35
B5
Blue data (MSB)
15
R5
Red data (MSB)
36
GND
Ground
16
GND
Ground
37
DE
Data enable signal
17
GND
Ground
38
N.C.
Not Connection
18
GND
Ground
39
VCC
Power supply
Note 1
19
G0
Green data (LSB)
40
VCC
Power supply
Note 1
20
G1
Green data
41
DPS
Scan direction select Note 2
21
G2
Green data
LSB : Least Significant Bit
MSB : Most Significant Bit
Notes 1. DE/This function recognizes Fixed or DE mode whe Vsync rises.
Low = DE mode
High = Fixed mode
Notes 2. DPS/DPS changes scan direction (normal scan and reverse scan).
Low or Open = Normal scan
High
= Reverse scan
See DISPLAY POSITION about the scan directions.


Similar Part No. - NL8060BC31-17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NL8060BC31-32 RENESAS-NL8060BC31-32 Datasheet
719Kb / 2P
   Natural Light TFT (NLT) Technology
NL8060BC31-41C RENESAS-NL8060BC31-41C Datasheet
719Kb / 2P
   Natural Light TFT (NLT) Technology
logo
GSR Technology Ltd
NL8060BC31-47 GSR-NL8060BC31-47 Datasheet
280Kb / 2P
   TFT Modules
NL8060BC31-47D GSR-NL8060BC31-47D Datasheet
280Kb / 2P
   TFT Modules
NL8060BC31-50F GSR-NL8060BC31-50F Datasheet
281Kb / 2P
   TFT Modules
More results

Similar Description - NL8060BC31-17

ManufacturerPart #DatasheetDescription
logo
NEC
NL6448BC20-08 NEC-NL6448BC20-08 Datasheet
208Kb / 24P
   17 cm 6.5 type, 640 x 480 pixels 262144 colors, high luminance, wide viewing angle
NL10276AC30-04R NEC-NL10276AC30-04R Datasheet
206Kb / 28P
   38 cm 15.0 inches, 1024 x 768 pixels, 262,144 colors, LVDS interface, Wide viewing angle, High luminance
NL6448AC33-18A NEC-NL6448AC33-18A Datasheet
145Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262144 colors, Luminance adjustable, Non anti-glare panel
logo
WAGO Kontakttechnik Gmb...
762-1121 WAGO-762-1121 Datasheet
234Kb / 4P
   Web Panel; 30.7 cm (12.1"); 800 x 600 pixels
logo
NEC
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL10276BC28-05D NEC-NL10276BC28-05D Datasheet
202Kb / 24P
   36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
logo
WAGO Kontakttechnik Gmb...
762-3121-000-001 WAGO-762-3121-000-001 Datasheet
268Kb / 6P
   Control Panel; 30.7 cm (12.1"); 800 x 600 pixels; Target Visualization
logo
NEC
NL6448BC33-31 NEC-NL6448BC33-31 Datasheet
267Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Wide viewing angle
NL10276AC28-02L NEC-NL10276AC28-02L Datasheet
227Kb / 40P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board
NL8060AC26-11 NEC-NL8060AC26-11 Datasheet
136Kb / 18P
   26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com