Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL8060BC31-17 Datasheet(PDF) 1 Page - NEC

Part # NL8060BC31-17
Description  31 cm 12.1 inches, 800 x 600 pixels, 262144 colors High luminance, Wide viewing angle, Reversible scan direction
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL8060BC31-17 Datasheet(HTML) 1 Page - NEC

  NL8060BC31-17 Datasheet HTML 1Page - NEC NL8060BC31-17 Datasheet HTML 2Page - NEC NL8060BC31-17 Datasheet HTML 3Page - NEC NL8060BC31-17 Datasheet HTML 4Page - NEC NL8060BC31-17 Datasheet HTML 5Page - NEC NL8060BC31-17 Datasheet HTML 6Page - NEC NL8060BC31-17 Datasheet HTML 7Page - NEC NL8060BC31-17 Datasheet HTML 8Page - NEC NL8060BC31-17 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The information in this document is subject to change without notice.
Please confirm with the delivery specification before starting to design the system.
TFT COLOR LCD MODULE
NL8060BC31-17
Document No. EN0510EJ1V0DS00
Date Published July 2000 P CP (N)
Printed in Japan
31 cm (12.1 inches), 800
×××× 600 pixels, 262144 colors
High luminance, Wide viewing angle, Reversible scan direction
DATA SHEET
©
2000
DESCRIPTION
NL8060BC31-17 is a TFT (thin film transistor) active matrix color liquid crystal display (LCD) module comprising
amorphous silicon TFT attached to each signal electrode, a driving circuit, and a backlight.
NL8060BC31-17 has a built-in backlight. The backlight includes long-life-lamps and the lamps are replaceable
with a holder.
The 31 cm diagonal display area contains 800
× 600 pixels and can display 262144 color simultaneously.
NL8060BC31-17 is suitable for industrial application use, because the viewing angle is wide and the luminance
is high. Also, the viewing direction is selectable either upper or lower side by changing scan direction.
FEATURES
• High luminance (350 cd/m2, at IL= 5mArms/lamp)
• Wide viewing angle (with Retardation film)
• Low reflection
• Reversible scan direction
• 6-bit digital RGB input signals
• Data enable (DE) function
• Smooth polarizer surface (no antiglare treatment)
• Edge type backlight with two long-life-time lamps (one lamp holder)
• Lamp holder replaceable
APPLICATIONS
• Display terminals for control system
• Monitors for process controller


Similar Part No. - NL8060BC31-17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NL8060BC31-32 RENESAS-NL8060BC31-32 Datasheet
719Kb / 2P
   Natural Light TFT (NLT) Technology
NL8060BC31-41C RENESAS-NL8060BC31-41C Datasheet
719Kb / 2P
   Natural Light TFT (NLT) Technology
logo
GSR Technology Ltd
NL8060BC31-47 GSR-NL8060BC31-47 Datasheet
280Kb / 2P
   TFT Modules
NL8060BC31-47D GSR-NL8060BC31-47D Datasheet
280Kb / 2P
   TFT Modules
NL8060BC31-50F GSR-NL8060BC31-50F Datasheet
281Kb / 2P
   TFT Modules
More results

Similar Description - NL8060BC31-17

ManufacturerPart #DatasheetDescription
logo
NEC
NL6448BC20-08 NEC-NL6448BC20-08 Datasheet
208Kb / 24P
   17 cm 6.5 type, 640 x 480 pixels 262144 colors, high luminance, wide viewing angle
NL10276AC30-04R NEC-NL10276AC30-04R Datasheet
206Kb / 28P
   38 cm 15.0 inches, 1024 x 768 pixels, 262,144 colors, LVDS interface, Wide viewing angle, High luminance
NL6448AC33-18A NEC-NL6448AC33-18A Datasheet
145Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262144 colors, Luminance adjustable, Non anti-glare panel
logo
WAGO Kontakttechnik Gmb...
762-1121 WAGO-762-1121 Datasheet
234Kb / 4P
   Web Panel; 30.7 cm (12.1"); 800 x 600 pixels
logo
NEC
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL10276BC28-05D NEC-NL10276BC28-05D Datasheet
202Kb / 24P
   36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
logo
WAGO Kontakttechnik Gmb...
762-3121-000-001 WAGO-762-3121-000-001 Datasheet
268Kb / 6P
   Control Panel; 30.7 cm (12.1"); 800 x 600 pixels; Target Visualization
logo
NEC
NL6448BC33-31 NEC-NL6448BC33-31 Datasheet
267Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Wide viewing angle
NL10276AC28-02L NEC-NL10276AC28-02L Datasheet
227Kb / 40P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board
NL8060AC26-11 NEC-NL8060AC26-11 Datasheet
136Kb / 18P
   26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com