Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6970GN2-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP6970GN2-HF
Description  Lower Gate Charge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6970GN2-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP6970GN2-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6970GN2-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6970GN2-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6970GN2-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
20
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4.5V, ID=4A
-
-
45
VGS=2.5V, ID=3A
-
-
64
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.3
-
1.2
V
gfs
Forward Transconductance
VDS=5V, ID=4A
-
11
-
S
IDSS
Drain-Source Leakage Current
VDS=16V, VGS=0V
-
-
10
uA
IGSS
Gate-Source Leakage
VGS=+12V, VDS=0V
-
-
+30
uA
Qg
Total Gate Charge
ID=4A
-
4.5
7.2
nC
Qgs
Gate-Source Charge
VDS=10V
-
0.7
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
1.7
-
nC
td(on)
Turn-on Delay Time
VDS=10V
-
6
-
ns
tr
Rise Time
ID=1A
-
7.5
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-11
-
ns
tf
Fall Time
VGS=5V
-
2.5
-
ns
Ciss
Input Capacitance
VGS=0V
-
275
440
pF
Coss
Output Capacitance
VDS=10V
-
70
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
60
-
pF
Rg
Gate Resistance
f=1.0MHz
-
2.8
-
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=1.2A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time
IS=4A, VGS=0V,
-
16
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
8
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec ; 250 ℃/W when mounted on Min. copper pad.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
AP6970GN2-HF
2


Similar Part No. - AP6970GN2-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6970GN2-HF A-POWER-AP6970GN2-HF Datasheet
107Kb / 4P
   Bottom Exposed DFN, Lower Profile
More results

Similar Description - AP6970GN2-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP30T03GH-HF A-POWER-AP30T03GH-HF Datasheet
99Kb / 4P
   Lower Gate Charge Lower Gate Charge
AP4434GM-HF A-POWER-AP4434GM-HF_14 Datasheet
98Kb / 4P
   Lower Gate Charge
AP2302N-HF A-POWER-AP2302N-HF_14 Datasheet
92Kb / 4P
   Lower Gate Charge
AP4434AGH-HF A-POWER-AP4434AGH-HF_14 Datasheet
65Kb / 4P
   Lower Gate Charge
AP4434AGM-HF A-POWER-AP4434AGM-HF_14 Datasheet
100Kb / 4P
   Lower Gate Charge
AP9452GG-HF A-POWER-AP9452GG-HF_14 Datasheet
96Kb / 5P
   Lower gate charge
AP62T03GJ A-POWER-AP62T03GJ_14 Datasheet
105Kb / 4P
   Lower Gate Charge
AP1332GEU-HF A-POWER-AP1332GEU-HF_14 Datasheet
61Kb / 4P
   Lower Gate Charge
AP4434GH-HF A-POWER-AP4434GH-HF_14 Datasheet
81Kb / 4P
   Lower Gate Charge
AP62T03GH A-POWER-AP62T03GH_14 Datasheet
105Kb / 4P
   Lower Gate Charge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com