Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQP1H301JZ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECQP1H301JZ
Description  Plastic Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP1H301JZ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECQP1H301JZ Datasheet HTML 1Page - Panasonic Semiconductor ECQP1H301JZ Datasheet HTML 2Page - Panasonic Semiconductor ECQP1H301JZ Datasheet HTML 3Page - Panasonic Semiconductor ECQP1H301JZ Datasheet HTML 4Page - Panasonic Semiconductor ECQP1H301JZ Datasheet HTML 5Page - Panasonic Semiconductor ECQP1H301JZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1000
500
400
300
0.0075
12.0
5.0
14.0
5.0
0.60
0.0082
12.0
5.5
14.0
5.0
0.60
0.0091
12.0
5.0
13.5
5.0
0.60
0.01
12.0
5.0
13.5
5.0
0.60
0.011
12.0
5.0
14.0
5.0
0.60
0.012
12.0
5.5
14.0
5.0
0.60
0.013
12.0
5.0
14.0
5.0
0.60
0.015
12.0
5.0
14.0
5.0
0.60
0.016
12.0
5.5
14.0
5.0
0.60
0.018
12.0
5.5
14.5
5.0
0.60
0.02
12.0
5.5
14.5
5.0
0.60
0.022
12.0
5.5
15.5
5.0
0.60
0.024
12.0
6.0
15.5
5.0
0.60
0.027
12.0
6.0
16.0
5.0
0.60
0.03
12.0
6.5
16.0
5.0
0.60
0.033
12.0
6.5
16.5
5.0
0.60
0.036
14.5
5.5
17.0
5.0
0.60
0.039
14.5
5.5
17.0
5.0
0.60
0.043
14.5
6.0
17.0
5.0
0.60
0.047
14.5
6.0
17.5
5.0
0.60
0.051
14.5
6.5
18.5
5.0
0.60
0.056
14.5
6.5
18.5
5.0
0.60
0.062
14.5
7.0
19.0
5.0
0.60
0.068
14.5
7.0
19.0
5.0
0.60
0.075
17.0
6.5
18.5
7.5
0.60
0.082
17.0
7.0
19.0
7.5
0.60
0.091
17.0
7.0
19.0
7.5
0.60
0.1
17.0
7.5
19.5
7.5
0.60
0.11
17.0
8.0
20.5
7.5
0.60
0.12
17.0
8.5
20.5
7.5
0.60
0.13
17.0
8.5
21.0
7.5
0.60
0.15
20.0
8.0
20.5
10.0
0.60
0.16
20.0
8.5
20.5
10.0
0.60
0.18
20.0
9.0
21.0
10.0
0.60
0.20
20.0
9.5
21.5
10.0
0.60
0.22
20.0
9.5
22.0
10.0
0.60
0.24
20.0
10.0
22.5
10.0
0.60
0.27
20.0
10.5
23.0
10.0
0.60
0.30
22.5
9.5
24.0
12.5
0.80
0.33
22.5
10.0
24.5
12.5
0.80
0.36
22.5
10.5
25.0
12.5
0.80
0.39
22.5
11.0
25.0
12.5
0.80
0.43
22.5
11.5
25.5
12.5
0.80
0.47
22.5
12.0
26.0
12.5
0.80
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sRating, Dimensions & Quantity/Ammo Box
qRated voltage : 50VDC, Capacitance tolerance : ± 1% (F), ± 2 % (G), ± 5 % (J)
Part No.
Cap.
(µF)
Quantity
Ammo
Dimensions (mm)
L max.
T max.
H max.
S
ød
ECQP1H752 MZ( )
ECQP1H822 MZ( )
ECQP1H912 MZ( )
ECQP1H103 MZ( )
ECQP1H113 MZ( )
ECQP1H123 MZ( )
ECQP1H133 MZ( )
ECQP1H153 MZ( )
ECQP1H163 MZ( )
ECQP1H183 MZ( )
ECQP1H203 MZ( )
ECQP1H223 MZ( )
ECQP1H243 MZ( )
ECQP1H273 MZ( )
ECQP1H303 MZ( )
ECQP1H333 MZ( )
ECQP1H363 MZ( )
ECQP1H393 MZ( )
ECQP1H433 MZ( )
ECQP1H473 MZ( )
ECQP1H513 MZ( )
ECQP1H563 MZ( )
ECQP1H623 MZ( )
ECQP1H683 MZ( )
ECQP1H753 MZ( )
ECQP1H823 MZ( )
ECQP1H913 MZ( )
ECQP1H104 MZ( )
ECQP1H114 MZ( )
ECQP1H124 MZ( )
ECQP1H134 MZ( )
ECQP1H154 MZ( )
ECQP1H164 MZ( )
ECQP1H184 MZ( )
ECQP1H204 MZ( )
ECQP1H224 MZ( )
ECQP1H244 MZ( )
ECQP1H274 MZ( )
ECQP1H304 MZ( )
ECQP1H334 MZ( )
ECQP1H364 MZ( )
ECQP1H394 MZ( )
ECQP1H434 MZ( )
ECQP1H474 MZ( )
StyleT:0.0075 to 0.47 µF
Suffix for lead crimped or taped type
Cap. tol. code
vv


Similar Part No. - ECQP1H301JZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H301JZ PANASONIC-ECQP1H301JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Panasonic Battery Group
ECQP1H301JZAD PANASONICBATTERY-ECQP1H301JZAD Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
ECQP1H301JZC PANASONICBATTERY-ECQP1H301JZC Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
ECQP1H301JZE PANASONICBATTERY-ECQP1H301JZE Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
ECQP1H301JZW PANASONICBATTERY-ECQP1H301JZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
More results

Similar Description - ECQP1H301JZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com