Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFR1A101 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFR1A101
Description  Aluminum Electrolytic Capacitors/ FR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1A101 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFR1A101 Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1A101 Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1A101 Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1A101 Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1A101 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
– EEE-82 –
φ10<
φd±0.05
Sleeve
14 min.
3 min.
L
L<16:L±1.5
L
>20:L
±2.0
Pressure relief
φ6.3<
+
<
φ8
φD±0.5
φD±0.5
Country of origin
Malaysia
Radial Lead Type
Series:
FR
Type:
A
Specifications
Category Temp. Range
–40 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 63 V.DC
Nominal Cap. Range
4.7 µF to 8200 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV (µA) After 2 minutes
tan
δ
W.V.
6.3
10
16
25
35
50
63
(120 Hz/+20 °C)
tan
δ
0.22
0.19
0.16
0.14
0.12
0.10
0.09
Add 0.02 per 1000 µF for products of 1000 µF or more.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied. (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage) when the capacitors
are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration
φ5 11/ φ6.3 11.2 : 5000 hours
φ8 11.5/ φ10 12.5 : 6000 hours (✽ Only EEUFR1V331U (φ10 12.5) 5000 hours)
φ8 15/ φ10 16 : 8000 hours, φ8×20 : 9000 hours
φ10 20 to φ10 25/ φ12.5 20 to φ12.5 35/ φ16 20 to φ16 25 : 10000 hours
Capacitance change ±25 % of initial measured value (6.3 V to 10 V : ±30 %)
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Dimensions in mm (not to scale)
W.V.(V.DC)
Cap (µF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 63
4.7
to
33
0.45
0.55
0.75
0.90
1.00
47
to
330
0.60
0.70
0.85
0.95
1.00
390
to
1000
0.65
0.75
0.90
0.98
1.00
1200
to
8200
0.75
0.80
0.95
1.00
1.00
Frequency correction factor for ripple current
Body Dia.
φD5
6.3
8
10
12.5
16
Body Length L
————
12.5 to 25
30 to 35
Lead Dia.
φd0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead space F
2.0
2.5
3.5
5.0
5.0
7.5
Features
● Low ESR (Same as FM Series)
● Endurance : 5000 h to 10000 h at +105 °C
● RoHS directive compliant
Attention
Not applicable for automotive
(Unit : mm)
04 May. 2013


Similar Part No. - EEUFR1A101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR1A101 PANASONIC-EEUFR1A101 Datasheet
109Kb / 4P
   Radial Lead Type
EEUFR1A101 PANASONIC-EEUFR1A101 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1A101 PANASONIC-EEUFR1A101 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1A101 PANASONIC-EEUFR1A101 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1A101 PANASONIC-EEUFR1A101 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors FR
More results

Similar Description - EEUFR1A101

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
EEU-FR1V821L PANASONICBATTERY-EEU-FR1V821L Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Semiconductor
EEU-FR1E151 PANASONIC-EEU-FR1E151 Datasheet
129Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1V152S PANASONIC-EEU-FR1V152S Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J181B PANASONIC-EEU-FR1J181B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1E821B PANASONIC-EEU-FR1E821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR0J821B PANASONIC-EEU-FR0J821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C152 PANASONIC-EEU-FR1C152 Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J271UB PANASONIC-EEU-FR1J271UB Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C471 PANASONIC-EEU-FR1C471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1V271B PANASONIC-EEUFR1V271B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com