Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQB1183MF Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECQB1183MF
Description  Plastic Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQB1183MF Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECQB1183MF Datasheet HTML 1Page - Panasonic Semiconductor ECQB1183MF Datasheet HTML 2Page - Panasonic Semiconductor ECQB1183MF Datasheet HTML 3Page - Panasonic Semiconductor ECQB1183MF Datasheet HTML 4Page - Panasonic Semiconductor ECQB1183MF Datasheet HTML 5Page - Panasonic Semiconductor ECQB1183MF Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions & Quantity/Ammo Box & Reel
GType ECQB(F), Rated voltage: 200 VDC, Capacitance tolerance: ±5 %(J), ±10 %(K)
Suffix for lead crimped or taped type
Cap. tol. code
Part No.
0.0010
8.5
4.0
7.0
12.0
5.00
5.0
0.50
0.0012
8.5
4.0
7.5
12.5
5.00
5.0
0.50
0.0015
8.5
4.0
7.5
12.5
5.00
5.0
0.50
0.0018
8.5
4.5
7.5
12.5
5.00
5.0
0.50
0.0022
8.5
4.5
7.5
12.5
5.00
5.0
0.50
0.0027
8.5
4.5
8.0
13.0
5.00
5.0
0.50
0.0033
11.0
4.5
7.5
12.5
7.50
5.0
0.60
0.0039
11.0
4.5
7.5
12.5
7.50
5.0
0.60
0.0047
11.0
4.5
8.5
13.5
7.50
5.0
0.60
0.0056
11.0
4.5
8.5
13.5
7.50
5.0
0.60
0.0068
11.0
4.5
9.0
14.0
7.50
5.0
0.60
0.0082
11.0
4.5
9.0
14.0
7.50
5.0
0.60
0.010
11.0
4.5
10.0
15.0
7.50
5.0
0.60
0.012
11.0
5.0
10.5
15.5
7.50
5.0
0.60
0.015
11.0
5.5
10.5
15.5
7.50
5.0
0.60
0.018
11.0
5.5
10.0
15.0
7.50
5.0
0.60
0.022
11.0
6.0
10.5
15.5
7.50
5.0
0.60
0.027
11.0
6.5
11.5
16.5
7.50
5.0
0.60
0.033
11.0
7.0
12.0
17.0
7.50
5.0
0.60
0.039
13.5
5.0
12.5
17.5
10.00
7.5
0.60
0.047
13.5
5.5
13.0
18.0
10.00
7.5
0.60
0.056
13.5
6.0
13.5
18.5
10.00
7.5
0.60
0.068
16.0
5.5
13.0
18.0
12.50
10.0
0.60
0.082
16.0
6.0
13.5
18.5
12.50
10.0
0.60
0.10
16.0
7.0
14.5
19.5
12.50
10.0
0.60
0.12
19.0
6.5
16.0
21.0
15.00
12.5
0.60
0.15
19.0
7.5
17.0
22.0
15.00
12.5
0.60
0.18
19.0
8.0
17.5
22.5
15.00
12.5
0.60
0.22
19.0
9.0
18.5
23.5
15.00
12.5
0.60
0.27
24.0
8.0
17.5
22.5
20.00
15.0
0.80
0.33
24.0
9.0
18.5
23.5
20.00
15.0
0.80
0.39
24.0
10.0
19.5
24.5
20.00
15.0
0.80
0.47
24.0
11.5
20.5
25.5
20.00
15.0
0.80
Cap.
(µF)
Dimensions (mm)
Quantity
Lmax.
Tmax.
Hmax.
Type 1
Type 2
F
Type 1
S
Type 2
ød
Ammo
1000
500
800
500
400
Style N: 0.0010 µF to 0.0027 µF
Style T: 0.0033 µF to 0.47 µF
ECQB2102MF( )
ECQB2122MF( )
ECQB2152MF( )
ECQB2182MF( )
ECQB2222MF( )
ECQB2272MF( )
ECQB2332MF( )
ECQB2392MF( )
ECQB2472MF( )
ECQB2562MF( )
ECQB2682MF( )
ECQB2822MF( )
ECQB2103MF( )
ECQB2123MF( )
ECQB2153MF( )
ECQB2183MF( )
ECQB2223MF( )
ECQB2273MF( )
ECQB2333MF( )
ECQB2393MF( )
ECQB2473MF( )
ECQB2563MF( )
ECQB2683MF( )
ECQB2823MF( )
ECQB2104MF( )
ECQB2124MF( )
ECQB2154MF( )
ECQB2184MF( )
ECQB2224MF( )
ECQB2274MF( )
ECQB2334MF( )
ECQB2394MF( )
ECQB2474MF( )
Mar. 2006


Similar Part No. - ECQB1183MF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECQB1104JFW IRF-ECQB1104JFW Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results

Similar Description - ECQB1183MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com