Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPY16 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # ZPY16
Description  Silicon-Power-Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZPY16 Datasheet(HTML) 3 Page - Diotec Semiconductor

  ZPY16 Datasheet HTML 1Page - Diotec Semiconductor ZPY16 Datasheet HTML 2Page - Diotec Semiconductor ZPY16 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZPY1 ... ZPY200 (1.3 W)
© Diotec Semiconductor AG
http://www.diotec.com/
3
120
100
80
60
40
20
0
[%]
P
tot
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
30a-(1a-1.1v)
[pF]
[V]
C
j
V
Z
T = 25°C
f = 1.0 MHz
j
V = 0V
R
V = 4V
R
V = 20V
R
V = 40V
R
Junction capacitance vs. zener voltage (typical)
Sperrschichtkapazität in Abh. v.d. Zenerspg. (typ.)
0
2
3
4
5
6
7
8
10
[V]
V
Z
[mA]
50
150
0
100
I
Z
Typical breakdown characteristic
Typische Abbruchspannung
– tested with pulses
– gemessen mit Impulsen
5,6
6,2
6,8
7,5
8,2
9,1
I
ZT
I
Zmax
1
T = 25°C
j
I = 5 mA
Z
Typ. thermal resistance vs lead length
Typ. therm. Widerst. in Abh. der Anschlusslänge
50
50
40
30
20
10
0
R
thL
[K/W]
[mm]
L
12
8
4
0
L
10
18
24
30
36
43
51
62
56
68
75
82
91
100
T = 25°C
j
I
ZT
I
Zmax
Typical breakdown characteristic
Typische Abbruchspannung
– tested with pulses
– gemessen mit Impulsen


Similar Part No. - ZPY16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPY16 DIODES-ZPY16 Datasheet
62Kb / 3P
   SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
Vishay Siliconix
ZPY16 VISHAY-ZPY16 Datasheet
502Kb / 6P
   Zener Diodes
Rev. 1.9, 11-Jul-12
logo
General Semiconductor
ZPY16 GE-ZPY16 Datasheet
217Kb / 5P
   ZENER DIODES
logo
New Jersey Semi-Conduct...
ZPY16 NJSEMI-ZPY16 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
ZPY16 VISHAY-ZPY16 Datasheet
186Kb / 5P
   Zener Diodes
02-May-02
More results

Similar Description - ZPY16

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
3EZ1 DIOTEC-3EZ1_14 Datasheet
84Kb / 2P
   Silicon-Power-Zener Diodes
3EZ1 DIOTEC-3EZ1_15 Datasheet
83Kb / 2P
   Silicon-Power-Zener Diodes
ZY1 DIOTEC-ZY1_07 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
1N5345B DIOTEC-1N5345B_15 Datasheet
91Kb / 2P
   Silicon-Power-Zener Diodes
ZPY1 DIOTEC-ZPY1_15 Datasheet
141Kb / 3P
   Silicon-Power-Zener Diodes
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com