Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NARG105 Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # NARG105
Description  Bi-Color Type/Case Size 22.8 x 33.0 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

NARG105 Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

  NARG105 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. NARG105 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. NARG105 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. NARG105 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. NARG105 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. NARG105 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. NARG105 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. NARG105 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7
Reliability Testing Result
Failure Criteria
Reliability Testing
Result
Applicable Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJED-
4701/ 100(101)
Ta = 25℃, IF = Maxium Rated Current/ seg
1,000 h
0/ 10
Resistance to
Soldering Heat
EIAJED-
4701/ 300(302)
260±5℃, 3mm from package base
10s
0/ 10
Temperature Cycling
EIAJED-
4701/ 100(105)
Minimum Rated Storage Temperature(30min)
∼Normal Temperature(15min)
∼Maximum Rated Storage Temperature(30min)
∼Normal Temperature(15min)
5 cycles
0/ 10
Wet High Temp.
Storage Life
EIAJED-
4701/ 100(103)
Ta = 60±2℃, RH = 90±5%
1,000 h
0/ 10
High Temp.
Storage Life
EIAJED-
4701/ 200(201)
Ta = Maximum Rated Storage Temperature
1,000 h
0/ 10
Low Temp.
Storage Life
EIAJED-
4701/ 200(202)
Ta = Minimum Rated Storage Temperature
1,000 h
0/ 10
Lead Tension
EIAJED-
4701/ 400(401)
5N,1time
10s
0/ 10
Vibration,
Variable Frequency
EIAJED-
4701/ 400(403)
98.1m/ s
2
(10G), 100 ∼ 2KHz sweep for 20min.,
XYZ each direction
2 h
0/ 10
Lead Bend
EIAJED-
4701/ 400(401)
2.5N, 0°←→ 90°
Twice
0/ 10
Shock
JISC 7201
A-8
It falls on wood engraving from height of 75cm.
3 times
0/ 10
Numeric Display/
Bi-Color Type/Case Size 22.8 x 33.0 mm
NARG105/107 Series
2007.8.31
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IFValue of each product
Luminous Intensity
Testing Min. Value < Spec. M in. Value x 0.5
Forward Voltage
VF
IFValue of each product
Forward Voltage
Testing Max. Value ≧ Spec. M ax. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value ≧ Spec. M ax. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking


Similar Part No. - NARG105

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NARG141 STANLEY-NARG141 Datasheet
580Kb / 8P
   Numeric Display/Bi-Color Type/Case Size 10.0 x 19.0 mm
NARG161 STANLEY-NARG161 Datasheet
236Kb / 8P
   Bi-Color Type/Case Size 12.5 x 19.0 mm
NARG161 STANLEY-NARG161 Datasheet
761Kb / 8P
   Numeric Display/ Bi-Color Type/Case Size 12.5 x 19.0 mm
NARG161 STANLEY-NARG161_12 Datasheet
761Kb / 8P
   Numeric Display/ Bi-Color Type/Case Size 12.5 x 19.0 mm
More results

Similar Description - NARG105

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NAG105P STANLEY-NAG105P Datasheet
297Kb / 12P
   Numeric Display/Case Size 22.8 x 33.0 mm
NARG161 STANLEY-NARG161 Datasheet
236Kb / 8P
   Bi-Color Type/Case Size 12.5 x 19.0 mm
NARG161 STANLEY-NARG161_12 Datasheet
761Kb / 8P
   Numeric Display/ Bi-Color Type/Case Size 12.5 x 19.0 mm
NARG141 STANLEY-NARG141 Datasheet
580Kb / 8P
   Numeric Display/Bi-Color Type/Case Size 10.0 x 19.0 mm
BRPG1211C-TR STANLEY-BRPG1211C-TR Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
FRYPY1211C STANLEY-FRYPY1211C Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
BRBG1201W STANLEY-BRBG1201W Datasheet
296Kb / 14P
   Bi-color Type (3.0 X 2.5 mm), Milky White resin
logo
Kingbright Corporation
L119EGW KINGBRIGHT-L119EGW Datasheet
119Kb / 4P
   2 X 5 MM BI - COLOR INDICATOR LAMPS
logo
STANLEY ELECTRIC CO.,LT...
NAG261P-B STANLEY-NAG261P-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 25.2 x 19.0 mm
NAG141P STANLEY-NAG141P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com