Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F61C500V20A Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # F61C500V20A
Description  Military Qualified Product Listing MIL-F-15160 Fuses - Instruments, Power and Telephone
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

F61C500V20A Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  F61C500V20A Datasheet HTML 1Page - Cooper Bussmann, Inc. F61C500V20A Datasheet HTML 2Page - Cooper Bussmann, Inc. F61C500V20A Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1108
BU-SB08840
Form No. MIL-F-15160
Page 2 of 3
Data Sheet 2089
Military Qualified Product Listing
MIL-F-15160 Fuses - Instruments, Power and Telephone
Military Standard MIL-F-15160/10
13
/32”x 11/2” Fuses
F10A250V1A
F10A250V2A
F10A250V3A
F10A250V4AS**
F10A250V5A
F10A250V6AS**
F10A250V8AS**
F10A250V10A
F10A250V15A
F10A125V20AS**
F10A125V30A*
*** Commercial version is MIN
Series. See Data Sheet 2047 for
more information.
Military Standard MIL-F-15160/15
9
/16” x 2” Fuses
F15A250V1A
F15A250V3A
F15A250V6A
F15A250V10A
F15A250V15A
F15A250V20A
F15A250V25A
F15A250V30A
Military Standard MIL-F-15160/15
9
/16” x 2” Fuses
F15BR250V1A
F15BR250V16/10A
F15BR250V2A
F15BR250V21/2A
F15BR250V32/10AS**
F15BR250V4AS**
F15BR250V5A
F15BR250V61/4A*
F15BR250V8A
F15BR250V10A
F15BR250V12A
F15BR250V20A
F15BR250V25A
F15BR250V30A
F15BR replaced F15B in October
1990.
*** Commercial version is FRN-R
Series. See Data Sheet 1019 for
more information.
Military Standard MIL-F-15160/16
13
/16” x 3” Fuses
F16A250V35A
F16A250V40A
F16A250V45A*
F16A250V50A
F16A250V60A
Military Standard MIL-F-15160/16
13
/16” x 3” Fuses
F16BR250V35A
F16BR250V40A
F16BR250V45A
F16BR250V50A
F16BR250V60A
F16BR replaced F16B in October
1990.
*** Commercial version is FRN-R
Series. See Data Sheet 1019 for
more information.
Military Standard MIL-F-15160/19
1” x 57/8” Fuses
F19BR250V70A
F19BR250V80A
F19BR250V90A
F19BR250V100A
F19BR replaced F19B in October
1990.
*** Commercial version is FRN-R
Series. See Data Sheet 1020 for
more information.
Military Standard MIL-F-15160/20
11/2”x 71/8”Fuses
F20BR250V110A
F20BR250V125A
F20BR250V150A
F20BR250V175A
F20BR250V200A
F20BR replaced F20B in October
1990.
*** Commercial version is FRN-R
Series. See Data Sheet 1020 for
more information.
Military Standard MIL-F-15160/27
F27A Series is inactive for new design
after December 1990.
Military Standard MIL-F-15160/28
F28A Series is inactive for new design
after December 1990.
Military Standard MIL-F-15160/29
F29A Series is inactive for new design
after December 1990.
Military Standard MIL-F-15160/30
F30A Series is inactive for new design
after December 1990.
Military Standard MIL-F-15160/36
F36A and F36B Series are inactive for
new design after December 1990.
Military Standard MIL-F-15160/37
F37A and F37B Series are inactive for
new design after December 1990.
Military Standard MIL-F-15160/38
F38A and F38B Series are inactive for
new design after December 1990.
Note: When silver-plated fuse caps are required, simply suffix the letter “S” to the Type Designation Number; i.e., “F02A250V1/2AS.”
*Indicates a product not available with silver-plated caps.
**Indicates a product available only with silver-plated caps.
*** Commercial equivalent part number is for basic design reference only. Not intended to be used as a substitute for the military part
number.


Similar Part No. - F61C500V20A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
F61C500V20A EATON-F61C500V20A Datasheet
570Kb / 4P
   MIL-F-15160 military qualified fuses instruments, power and telephone
More results

Similar Description - F61C500V20A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
F60C500V20AS COOPER-F60C500V20AS Datasheet
157Kb / 3P
   Military Qualified Product Listing MIL-F-15160 Fuses - Instruments, Power and Telephone
logo
Eaton All Rights Reserv...
MIL-F-15160 EATON-MIL-F-15160 Datasheet
570Kb / 4P
   MIL-F-15160 military qualified fuses instruments, power and telephone
logo
Cooper Bussmann, Inc.
F03A250V1-1-2A COOPER-F03A250V1-1-2A Datasheet
157Kb / 3P
   MIL-F-15160 Fuses - Instruments, Power and Telephone
FM08A125V2-1-2A COOPER-FM08A125V2-1-2A Datasheet
64Kb / 1P
   Military Qualified Product Listing MIL-F-23419 Instrument Type Environmental Tested Fuses
F03B125V10AS COOPER-F03B125V10AS Datasheet
157Kb / 3P
   Military Qualified Product Listing
F09B250V5AS COOPER-F09B250V5AS Datasheet
157Kb / 3P
   Military Qualified Product Listing
logo
Vishay Siliconix
RN60D3483FR36 VISHAY-RN60D3483FR36 Datasheet
160Kb / 5P
   Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 28-Aug-06
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified
Revision: 02-May-13
logo
Ohmite Mfg. Co.
81NFR10 OHMITE-81NFR10 Datasheet
150Kb / 1P
   Military Grade 80 Series MIL-R-26 Qualified
logo
Vishay Siliconix
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com