Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFR1H151 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUFR1H151
Description  Aluminum Electrolytic Capacitors/ FR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1H151 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUFR1H151 Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1H151 Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1H151 Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1H151 Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1H151 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
– EEE-85 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs) (pcs)
16
68
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1C680( )
200
2000
100
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1C101( )
200
2000
120
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1C121( )
200
2000
220
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1C221( )
200
2000
470
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1C471( )
200
1000
680
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1C681L( )
200
1000
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFR1C681( )
200
500
1000
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1C102L( )
200
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR1C102( )
200
500
1500
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR1C152( )
200
500
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR1C152L( )
200
500
1800
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR1C182L( )
200
500
2200
12.5
20
2600
0.018
10000
0.6
5.0
5.0
EEUFR1C222( )
200
500
2700
12.5
25
3190
0.015
10000
0.6
5.0
5.0
EEUFR1C272( )
200
500
3300
12.5
30
3630
0.013
10000
0.8
5.0
EEUFR1C332L
100
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFR1C332S( ) 100
250
3900
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR1C392L
100
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFR1C392S( ) 100
250
4700
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR1C472L
100
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFR1C472( )
100
250
5600
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFR1C562( )
100
250
25
47
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1E470( )
200
2000
68
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1E680( )
200
2000
100
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1E101( )
200
2000
150
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1E151( )
200
2000
220
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1E221( )
200
1000
330
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1E331( )
200
1000
390
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1E391L( )
200
1000
470
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1E471Y( )
200
1000
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1E471L( )
200
1000
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFR1E471( )
200
500
560
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1E561L( )
200
1000
680
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1E681L( )
200
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR1E681( )
200
500
820
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR1E821( )
200
500
1000
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR1E102( )
200
500
10
25
2470
0.018 10000
0.6
5.0
5.0
EEUFR1E102L( )
200
500
1200
10
25
2470
0.018 10000
0.6
5.0
5.0
EEUFR1E122L( )
200
500
1500
12.5
20
2600
0.018 10000
0.6
5.0
5.0
EEUFR1E152( )
200
500
1800
12.5
25
3190
0.015 10000
0.6
5.0
5.0
EEUFR1E182( )
200
500
16
20
3300
0.017 10000
0.8
7.5
7.5
EEUFR1E182S( )
100
250
2200
12.5
30
3630
0.013 10000
0.8
5.0
EEUFR1E222L
100
16
20
3300
0.017 10000
0.8
7.5
7.5
EEUFR1E222S( )
100
250
2700
12.5
35
3750
0.012 10000
0.8
5.0
EEUFR1E272L
100
16
20
3300
0.017 10000
0.8
7.5
7.5
EEUFR1E272S( )
100
250
3300
16
25
3820
0.014 10000
0.8
7.5
7.5
EEUFR1E332( )
100
250
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
04 May. 2013


Similar Part No. - EEUFR1H151

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR1H151 PANASONIC-EEUFR1H151 Datasheet
109Kb / 4P
   Radial Lead Type
EEUFR1H151 PANASONIC-EEUFR1H151 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors FR
EEUFR1H151 PANASONIC-EEUFR1H151 Datasheet
149Kb / 6P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1H151 PANASONIC-EEUFR1H151 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1H151 PANASONIC-EEUFR1H151 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results

Similar Description - EEUFR1H151

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
EEU-FR1V821L PANASONICBATTERY-EEU-FR1V821L Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Semiconductor
EEU-FR1E151 PANASONIC-EEU-FR1E151 Datasheet
129Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1V152S PANASONIC-EEU-FR1V152S Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J181B PANASONIC-EEU-FR1J181B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1E821B PANASONIC-EEU-FR1E821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR0J821B PANASONIC-EEU-FR0J821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C152 PANASONIC-EEU-FR1C152 Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J271UB PANASONIC-EEU-FR1J271UB Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C471 PANASONIC-EEU-FR1C471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1V271B PANASONIC-EEUFR1V271B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com