Selected language     English  ▼


W005G Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. W005G
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 2 page
background image
W005G, W01G, W02G, W04G, W06G, W08G, W10G
www.vishay.com
Vishay General Semiconductor
Revision: 08-Jul-13
2
Document Number: 88769
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length PCB mounting. PCB size 0.22" x 0.22"
(5.5 mm x 5.5 mm)
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Fig. 3 - Typical Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
W005G
W01G
W02G
W04G
W06G
W08G
W10G
UNIT
Typical thermal resistance (1)
RJA
36
°C/W
RJL
11
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
W06G-E4/51
1.12
51
100
Plastic bag
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
150
60 Hz
Resistive or
Inductive Load
Ambient Temperature (°C)
Capacitive Load
5.0
10
20
=
I
(pk)
I
(AV)
Copper Pads
0.22 x 0.22"
(5.5 x 5.5 mm)
P.C.B.
0.375"
(9.5 mm)
1
0
10
40
50
60
30
20
10
100
Number of Cycles at 60 Hz
T
A = 25 °C
Single Sine-Wave
1.0 Cycle
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
0
20
40
60
80
100
0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 25 °C




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl