Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZV10D391 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ERZV10D391
Description  ZNR Transient/Surge Absorbers (Type D)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV10D391 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ERZV10D391 Datasheet HTML 5Page - Panasonic Semiconductor ERZV10D391 Datasheet HTML 6Page - Panasonic Semiconductor ERZV10D391 Datasheet HTML 7Page - Panasonic Semiconductor ERZV10D391 Datasheet HTML 8Page - Panasonic Semiconductor ERZV10D391 Datasheet HTML 9Page - Panasonic Semiconductor ERZV10D391 Datasheet HTML 10Page - Panasonic Semiconductor ERZV10D391 Datasheet HTML 11Page - Panasonic Semiconductor ERZV10D391 Datasheet HTML 12Page - Panasonic Semiconductor ERZV10D391 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 12 –
400
300
200
100
90
80
70
60
50
40
30
7
6
3
20
10
9
8
10
–6
10
–5
10
–4
10
–3
10
–2
10
–1
10
0
10
1
10
2
10
3
10
4
10
5
Current (A)
680
560
470
390
330
270
220
180
680
560
470
390
330
270
220
180
4
5
Test current waveform
10
–6 to 10–3 A: Direct current
10
–1 to 103 A: 8/20 μs
Max.
Leakage Current
Max. Clamping Voltage
Impulse Width (μs)
1000
100
10
1
0.1
20
100
1000
10000
10
3Tim
es
10
4Times
10
5Times
10
6 Times
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
30
40
50
60
70
80
90
100
200
300
400
500
600
700
800
900
1000
2000
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
Current (A)
241
511
151
121
101
820
471
431
391
361
221
201
271
331
151
121
101
820
511
471
431
391
361
331
271
241
221
201
Test Current Waveform
10
-6 to 10-3 A: Direct Current
10
-1 to 104 A: 8/20 μs
Impulse Width (μs)
10000
1000
100
10
20
100
1000
10000
1
10
5Times
10
6Times
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
ERZV07D820 to ERZV07D511
ERZV07D180 to ERZV07D680
ERZV07D820 to ERZV07D511
ERZV07D180 to ERZV07D680
Typical Characteristics
Voltage vs. Current
Impulse Derating (Relation between impulse
width and impulse current multiple)
Aug. 2012
01


Similar Part No. - ERZV10D391

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV10D391 PANASONIC-ERZV10D391 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV10D391 PANASONIC-ERZV10D391 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
ERZV10D391 PANASONIC-ERZV10D391 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV10D391 PANASONIC-ERZV10D391 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV10D391 PANASONIC-ERZV10D391 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
More results

Similar Description - ERZV10D391

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-VGAD621 PANASONIC-ERZ-VGAD621 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V10D821 PANASONIC-ERZ-V10D821 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ZNR PANASONIC-ZNR Datasheet
410Kb / 23P
   ZNR Transient/Surge Absorbers (Type D)
03 Jan. 2015
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com