Electronic Components Datasheet Search |
|
ERZV07D511 Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
ERZV07D511 Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 20 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. “ZNR” Transient/Surge Absorbers (Type D) – 7 – ■ Reference Guide to Standard Products Part No. Applicable Standards Varistor Voltage✽ Maximum Allowable Voltage Clamping Voltage at 8/20μs Maximum Peak Current at 8/20μs(A) Recommended Applications Type Name Approvals (V) ACrms (V) DC (V) max.(V) Ip (A) 1 time 2 times ERZV05D331 V331U ○☆ □◇ 330 (297 to 363) 210 270 570 5 800 600 AC 100 V to 120 V, Line–Line Applications Telephone Line Applications, (For DC 250 V Insulation Resistance Test) ERZV07D331 V7331U ○☆ □◇ 545 10 1750 1250 ERZV09D331 V9331U ○☆ □◇ 545 25 3500 2500 ERZV10D331 V10331U ○☆ □◇ 545 25 3500 2500 ERZV14D331 V14331U ○◎☆★ □◇◆ 545 50 6000 4500 ERZV20D331 V20331U ○◎☆★ □◇◆ 545 100 10000 6500 ERZV05D361 V361U ○☆ □◇ 360 (324 to 396) 230 300 620 5 800 600 ERZV07D361 V7361U ○☆ □◇ 595 10 1750 1250 ERZV09D361 V9361U ○☆ □◇ 595 25 3500 2500 ERZV10D361 V10361U ○☆ □◇ 595 25 3500 2500 ERZV14D361 V14361U ○◎☆★ □◇◆ 595 50 6000 4500 ERZV20D361 V20361U ○◎☆★ □◇◆ 595 100 10000 6500 ERZV05D391 V391U ○☆ □◇ 390 (351 to 429) 250 320 675 5 800 600 ERZV07D391 V7391U ○☆ □◇ 650 10 1750 1250 ERZV09D391 V9391U ○☆ □◇ 650 25 3500 2500 ERZV10D391 V10391U ○☆ □◇ 650 25 3500 2500 ERZV14D391 V14391U ○◎☆★ □◇◆ 650 50 6000 4500 ERZV20D391 V20391U ○◎☆★ □◇◆ 650 100 10000 6500 ERZV05D431 V431U ○☆ □◇ 430 (387 to 473) 275 350 745 5 800 600 AC 100 V to 220 V, Line–Line and Line–Ground Applications ERZV07D431 V7431U ○☆ □◇ 710 10 1750 1250 ERZV09D431 V9431U ○☆ □◇ 710 25 3500 2500 ERZV10D431 V10431U ○☆ □◇ 710 25 3500 2500 ERZV14D431 V14431U ○◎☆★ □◇◆ 710 50 6000 4500 ERZV20D431 V20431U ○◎☆★ □◇◆ 710 100 10000 6500 ERZV05D471 V471U ○☆ □◇ 470 (423 to 517) 300 385 810 5 800 600 ERZV07D471 V7471U ○☆ □◇ 775 10 1750 1250 ERZV09D471 V9471U ○☆ □◇ 775 25 3500 2500 ERZV10D471 V10471U ○●☆★ □◇◆ 775 25 3500 2500 ERZV14D471 V14471U ○◎☆★ □◇◆ 775 50 6000 4500 ERZV20D471 V20471U ○◎☆★ □◇◆ 775 100 10000 6500 ERZV07D511 V7511U ○☆ □◇ 510 (459 to 561) 320 410 845 10 1750 1250 AC 100 to 240 V, Line–Line and Line–Ground Applications ERZV09D511 V9511U ○☆ □◇ 845 25 3500 2500 ERZV10D511 V10511U ○●☆★ □◇◆ 845 25 3500 2500 ERZV14D511 V14511U ○◎☆★ □◇◆ 845 50 6000 4500 ERZV20D511 V20511U ○◎☆★ □◇◆ 845 100 10000 6500 ERZV10D561 V10561U ○●☆★ □◇◆ 560 (504 to 616) 350 450 930 25 3500 2500 ERZV14D561 V14561U ○◎☆★ □◇◆ 930 50 5000 4500 ERZV20D561 V20561U ○◎☆★ □◇◆ 930 100 7500 6500 ERZV10D621 V10621U ○●☆★ □◇◆ 620 (558 to 682) 385 505 1025 25 3500 2500 ERZV14D621 V14621U ○◎☆★ □◇◆ 1025 50 5000 4500 ERZV20D621 V20621U ○◎☆★ □◇◆ 1025 100 7500 6500 ERZV10D681 V10681U ○●☆★ □◇◆ 680 (612 to 748) 420 560 1120 25 3500 2500 ERZV14D681 V14681U ○◎☆★ □◇◆ 1120 50 5000 4500 ERZV20D681 V20681U ○◎☆★ □◇◆ 1120 100 7500 6500 ✽ Measuring Current of Varistor Voltage 5 Series : 0.1 mA, Others: 1 mA ○ : UL1449 (VZCA2/UL, VZCA8/C-UL), ● : UL1449 Type3 (or Code-Connected and Direct plug-in), ◎ : UL1449 Type2 (or Permanently Connected), ☆ : VDE (IEC61051-1, -2, -2-2), ★ : VDE (IEC60950-1 Annex.Q), □ : CSA C22.2 No.1 ◇ : CQC (GB/T10193, GB/T10194), ◆ : CQC (GB4943.1, GB8898) ※ Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No. Aug. 2013 02 |
Similar Part No. - ERZV07D511 |
|
Similar Description - ERZV07D511 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |