Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC0000131 Datasheet(PDF) 1 Page - ERNI Electronics

Part # DC0000131
Description  Messerleiste THR, Powerm. 9mm Male Con. THR, Powerm. 9mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

DC0000131 Datasheet(HTML) 1 Page - ERNI Electronics

  DC0000131 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
330
Verpackt im Gurt nach DIN IEC 60286-3
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 220 Stück
Packaging unit: 220 pcs
A3
prior notice.
contact one of the ERNI companies
Date
07.02.2014
k
Index
MSPEED
Male Con. THR, Powerm. 9mm
Messerleiste THR, Powerm. 9mm
214918
5:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
12,15
Ansaughaube
hood
0,5
12,15
8,95
0,6
11
5,85
4,6
0,15
0,8
3,675
1)
1) Durchmesser des Bohrers /
PCB-layout proposal
Drill tool
Leiterplatten-Layout Vorschlag /
1)
3 x 3 =
1
±0,03
0,7
1
±0,03
11
0,9
±0,03
8
4 x 2 =
2
1,5
0,8
3
9
0,6 ±0,05
a1
16
a1
ohne Ansaughaube
without hood
a5
4 x 2 = 8
2


Similar Part No. - DC0000131

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0000130 ERNI-DC0000130 Datasheet
85Kb / 1P
   Messerleiste SMD, Powerm. 9mm Male Con. SMD. Powerm, 9mm
DC0000132 ERNI-DC0000132 Datasheet
85Kb / 1P
   Messerleiste SMD, Powerm. 10mm Male Con. SMD. Powerm, 10mm
DC0000133 ERNI-DC0000133 Datasheet
82Kb / 1P
   Messerleiste THR, Powerm. 10mm Male Con. THR, Powerm. 10mm
More results

Similar Description - DC0000131

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
214918 ERNI-214918 Datasheet
82Kb / 1P
   Messerleiste THR, Powerm. 9mm
DC0000130 ERNI-DC0000130 Datasheet
85Kb / 1P
   Messerleiste SMD, Powerm. 9mm Male Con. SMD. Powerm, 9mm
DC0000127 ERNI-DC0000127 Datasheet
67Kb / 1P
   Messerleiste THR, Powerm. 1mm Male Con. THR, Powerm. 1mm
DC0000129 ERNI-DC0000129 Datasheet
69Kb / 1P
   Messerleiste THR, Powerm. 2mm Male Con. THR, Powerm. 2mm
DC0000133 ERNI-DC0000133 Datasheet
82Kb / 1P
   Messerleiste THR, Powerm. 10mm Male Con. THR, Powerm. 10mm
214551 ERNI-214551 Datasheet
85Kb / 1P
   Messerleiste SMD, Powerm. 9mm
DC0000113 ERNI-DC0000113 Datasheet
76Kb / 1P
   Federleiste THR, Powerm. 6mm Female Con. THR, Powerm. 6mm
logo
List of Unclassifed Man...
224560 ETC2-224560 Datasheet
86Kb / 1P
   Messerleiste 9mm THR, 50 polig Male 9mm THR, 50 contacts
logo
ERNI Electronics
DC0000115 ERNI-DC0000115 Datasheet
73Kb / 1P
   Federleiste THR, Powerm. 8mm Female Con. THR, Powerm. 8mm
DC0000111 ERNI-DC0000111 Datasheet
73Kb / 1P
   Federleiste THR, Powerm. 4mm Female Con. THR, Powerm. 4mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com