Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y92E-F5R4 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # Y92E-F5R4
Description  Separate Amplifier Sensor with Sensitivity Adjustment
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Y92E-F5R4 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button Y92E-F5R4 Datasheet HTML 3Page - Omron Electronics LLC Y92E-F5R4 Datasheet HTML 4Page - Omron Electronics LLC Y92E-F5R4 Datasheet HTML 5Page - Omron Electronics LLC Y92E-F5R4 Datasheet HTML 6Page - Omron Electronics LLC Y92E-F5R4 Datasheet HTML 7Page - Omron Electronics LLC Y92E-F5R4 Datasheet HTML 8Page - Omron Electronics LLC Y92E-F5R4 Datasheet HTML 9Page - Omron Electronics LLC Y92E-F5R4 Datasheet HTML 10Page - Omron Electronics LLC Y92E-F5R4 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
E2C/E2C-H
7
Engineering Data (Typical)
Sensing Area
E2C-CR8
@
E2C-X1A/-C1A
E2C-X1R5A
E2C-X2A
E2C-X5A
E2C-X10A
E2C-C20MA
E2C-X1R5AH + E2C-JC4CH
E2C-X2AH + E2C-JC4DH
E2C-X5AH + E2C-JC4EH
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
X
Y
20%
50%
100%
−3
−2
−1
0
1
2
3
Sensing Head
Sensing distance (variable):
0.16 to 0.8 mm
Distance Y (mm)
X
Y
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
−3
−2
−1
0
1
2
100%
50%
20%
Distance Y
(mm)
E2C-C1A Sensing Head
E2C-X1A Sensing Head
Sensing distance (variable):
0.2 to 1 mm
X
Y
2.5
2.0
1.5
1.0
0.5
0
−4
−3 −2 −1
0
1
2
3
4
50%
20%
100%
Distance Y
(mm)
Sensing Head
Sensing distance (variable):
0.3 to 1.5 mm
X
Y
3
2
1
0
−6
−4
−2
0
2
4
6
100%
50%
20%
Distance Y
(mm)
Sensing distance (variable):
0.4 to 2 mm
Sensing Head
X
Y
8
7
6
5
4
3
2
1
0 −10 −8 −6 −4 −2 0 2 4 6 8 10
100%
50%
20%
Distance Y
(mm)
Sensing distance (variable): 1 to 5 mm
Sensing Head
X
Y
16
14
12
10
8
6
4
2
0
−15
−10
−5
0
5
10
15
100%
50%
20%
Distance Y
(mm)
Sensing distance (variable):
2 to 10 mm
Sensing Head
X
Y
30
20
10
0
−20 −15 −10
−5
0
5
10
15
20
100%
50%
20%
Distance Y
(mm)
Sensing distance (variable): 4 to 20 mm
Sensing Head
X
Y
2.5
2
1.5
1
0.5
0
−4
−3 −2 −1
0
1
2
3
4 Distance Y
(mm)
Sensing Head
20%
50%
100%
Sensing distance (variable): 0.3 to 1.5 mm
X
Y
3
2
1
0
−6
−4
−2
0
2
4
6 Distance Y
(mm)
Sensing Head
20%
50%
100%
Sensing distance (variable): 0.4 to 2 mm
X
Y
8
7
6
5
4
3
2
1
0 −10 −8 −6 −4 −2 0 2 4 6 8 10 Distance Y
(mm)
Sensing Head
20%
50%
100%
Sensing distance (variable): 1 to 5 mm


Similar Part No. - Y92E-F5R4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92E-A34 OMRON-Y92E-A34 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
Y92E-B12 OMRON-Y92E-B12 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
Y92E-B12 OMRON-Y92E-B12 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
Y92E-B18 OMRON-Y92E-B18 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
Y92E-B18 OMRON-Y92E-B18 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
More results

Similar Description - Y92E-F5R4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-ED02 OMRON-E2C-ED02 Datasheet
2Mb / 15P
   Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
logo
Rohm
BA7042 ROHM-BA7042 Datasheet
64Kb / 5P
   VCO with sensitivity adjustment function
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
ELMOS Semiconductor AG
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
   TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
logo
Fairchild Semiconductor
RC6303 FAIRCHILD-RC6303 Datasheet
50Kb / 8P
   Triple Video Amplifier with Separate Enable Inputs
logo
Omron Electronics LLC
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com