Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHFW Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # EHFW
Description  AUDIO VIDEO DATA PANEL CONNECTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EHFW Datasheet(HTML) 1 Page - Switchcraft, Inc.

  EHFW Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
...U.S. Manufacturer of Industrial and Pro Audio/Broadcast Products Since 1946.
Home
About Us
Products
Sales
Distributors
Search
Links
Contact Us
AUDIO VIDEO DATA PANEL CONNECTORS
The EH Series by Switchcraft® is a complete line of audio, video, and data connectors built into standard panel
-
mount XLR housings. Custom combinations of EH Series connectors can be quickly loaded into any of our Q
-
G® Series panels. Once mounted, connecting your equipment to the back of an EH Series connector is fast and
easy. Most connectors are feedthru, which means standard cabling is simply plugged into the back of your gear,
then plugged into the back of the EH Series connector. For those EH Series connectors that are not feedthru,
solder lugs are clearly marked for simple, secure solder connections. All EH Series connectors are available
individually bagged with mounting screws.
Q-G® Series panels come standard as 1RU (1x16), 1.5RU (1x16), or 2RU (2x16). 1RU and 1.5RU versions
allow for any combination of up to 16 EH Series connectors to be loaded into the panel. The 2RU version can
accommodate up to 32 EH Series connectors. Every Q
-G® Series panel includes quick change designation
strips for easy connector identification.
Switchcraft's EH Series is the fastest and most versatile way to create a custom panel or wall plate perfectly
suited to meet the needs of any studio, broadcast facility, or systems integrator. Customize your studio, make it
easy to access your I/O's, and increase the lifespan of expensive pieces of equipment u
Click to view the New Product Bulletin for the EH Series
Broadcast Series
EH Connectors: USB, Firewire, SVHS, 9pin, and 15pin HD Dsub, 3.5mm Stereo, BNC, and RCA
E & EH Series Part Number Scheme
+ Reversible gender.
~ Connector is flush with the face of the housing.
If no "B" suffix, all connectors come with nickel housing.
If no "PKG" suffix, all connectors come bulk.
Additional E & EH Series Connectors and Components
Click here for full line of E Series XLRs
Click here for 1/4" Jacks
Note: All panels come with cable tie bar
Unloaded 1 RU EH Rack Panel
Click here for loaded XLR Panels
Click here for loaded HPC panels
Connector Type
Part No.
Prefix
Solder
Contact
Feedthru
Black
Finish
Bagged
w/4-40
Mounting
Screws
3.5MM Mono
EH35MMM
SC
N/A
B
PKG
3.5MM Stereo
EH35MMS
SC
N/A
B
PKG
SVHS
EHSVHS
N/A
2
B
PKG
PS/2 (AKA: mouse port / 6 Pin Din)
EH6MD
N/A
2
B
PKG
Firewire (EEE1394) Straight Wired
EHFW
N/A
2
B
PKG
Firewire EEE1394 Cross Wired
EHFWX
N/A
2
B
PKG
RCA
EHRCA
N/A
2
B
PKG
BNC
EHBNC
SC
2
B
PKG
~ BNC (Recessed Front)
EHBNC2R
N/A
---
B
PKG
BNC to RCA
EHBNCRCA
---
---
B
PKG
RCA to BNC
EHRCABNC
---
---
B
PKG
USB A to B
EHUSBAB
---
---
B
PKG
USB B to A
EHUSBBA
---
---
B
PKG
9 Pin DSUB Male to Male
EHDB9MM
---
---
B
---
+ 9 Pin DSUB Male to Female
EHDB9MF
---
---
B
---
9 Pin DSUB Female to Female
EHDB9FF
---
---
B
---
15 Pin HD DSUB Male to Male
EHHD15MM
---
---
B
---
+ 15 Pin HD DSUB Male to Female
EHHD15MF
---
---
B
---
15 Pin HD DSUB Female to Female
EHHD15FF
---
---
B
---
Connector Type
XLRs
Part No. Prefix
Solder
Contact
Black
Finish
Gold
Pin
Bagged
w/4-40
Mounting
Screws
XLR Female 3 Pin
E3F
SC
B
AU
PKG
XLR Male 3 Pin
E3M
SC
B
AU
PKG
XLR Female 4 Pin
E4F
SC
B
AU
PKG
XLR Male 4 Pin
E4M
SC
B
AU
PKG
Connector Type
1/4" Jacks
Part No. (Silver
Finish)
Part No. (Black
Finish)
1/4" Mono Locking Jack
E111L
E111BL
1/4" Stereo Locking Jack
E112BL
E112BLB
Accessory
Blank Cover
Part Number
Cover for E & EH Series
(Black anodized aluminum)
Comes with 4-40 Screws
ECPPKG
(Black Only)
Accessory
Empty EH Kit Housing
Finish
Part No.
For BPJJ0 Series RCA Bulkheads
Nickel
EH1PKG
(Comes with 4-40 Screws)
Black
EHB1PKG
Empty EH Rack Panels
Rack
Height
No. of
Knockouts
Tapped 4-40
Holes
QGPK1B
1RU
1 X 16
NO
QGPK1B440
1RU
1 x 16
YES
QGPK2B
1.5RU
1 X 16
NO
QGPK2B440
1.5RU
1 X 16
YES
QGPK3B
2RU
2 X 16
NO
QGPK3B440
2RU
2 X 16
YES
HPCPK1B
1RU
1 X 12
NO
HPCPK1B440
1RU
1 X 12
YES
HPCPK3B
2RU
2 X 12
NO
HPCPK3B440
2RU
2 X 12
YES
Switchcraft Inc., 5555 N. Elston Ave., Chicago, IL 60630
Phone: 773-792-2700 Fax: 773-792-2129


Similar Part No. - EHFW

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
EHFW800X2 SWITCH-EHFW800X2 Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
EHFWX2B SWITCH-EHFWX2B Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
More results

Similar Description - EHFW

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
EH35MMMSC SWITCH-EH35MMMSC Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
logo
MolexKits
76650-0143 MOLEXKITS-76650-0143 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
logo
Belden Inc.
1347A BELDEN-1347A Datasheet
224Kb / 2P
   Composite Data, Audio, Video, Security and Control
05-05-2023
logo
Maxim Integrated Produc...
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
logo
Level One
AVE-9301 LVL1-AVE-9301 Datasheet
1Mb / 4P
   Audio/Video Extenders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com