Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUHD1HR10 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUHD1HR10
Description  Aluminum Electrolytic Capacitors/ HD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUHD1HR10 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUHD1HR10 Datasheet HTML 1Page - Panasonic Semiconductor EEUHD1HR10 Datasheet HTML 2Page - Panasonic Semiconductor EEUHD1HR10 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HD
φ5to φ8
φD±0.5
φd±0.05
Sleeve
14 min.
3 min.
✽ L
✽ L<16:L±1.5
L
>20:L
±2.0
Pressure relief
φ6.3<
+
φ10<
φD±0.5
Features
● Endurance : 105 °C 1000 h to 2000 h
● Minaturize, Higher Capacitance :
1 Size Miniturized Product of Current A-NHG
● RoHS directive compliant
Radial Lead Type
Series:
HD
Type:
A
Specifications
Category Temp. Range
–55 °C to +105 °C
Rated W.V. Range
10 V.DC to 50 V.DC
Nominal Cap. Range
0.1 µF to 22000 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) After 2 minutes
(Which is greater)
tan
δ
Please see the attached standard products list
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage), When the capacitors
are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration :
φ5 to φ8=1000 hours, φ10 to φ18=2000 hours
Capacitance change ±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Dimensions in mm (not to scale)
Frequency correction factor for ripple current
(mm)
[mm]
Body Dia.
φD5
6.3
8
10
12.5
16
18
Lead Dia.
φd
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead space F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
W.V.(V.DC)
Cap. (µF)
Frequency (Hz)
60
120
1 k
10 k
100 k
10 to 50
0.1
to
33
0.75
1.00
1.55
1.80
2.00
47
to
470
0.80
1.00
1.35
1.50
1.50
1000
to
22000
0.85
1.00
1.10
1.15
1.15
Jul. 2011
00


Similar Part No. - EEUHD1HR10

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUHD1H100 PANASONIC-EEUHD1H100 Datasheet
67Kb / 3P
   Aluminum Electrolytic Capacitors
EEUHD1H101 PANASONIC-EEUHD1H101 Datasheet
67Kb / 3P
   Aluminum Electrolytic Capacitors
EEUHD1H102 PANASONIC-EEUHD1H102 Datasheet
67Kb / 3P
   Aluminum Electrolytic Capacitors
EEUHD1H220 PANASONIC-EEUHD1H220 Datasheet
67Kb / 3P
   Aluminum Electrolytic Capacitors
EEUHD1H221 PANASONIC-EEUHD1H221 Datasheet
67Kb / 3P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEUHD1HR10

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-HD1E472 PANASONIC-EEU-HD1E472 Datasheet
75Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
EET-HD2W331KJ PANASONIC-EET-HD2W331KJ Datasheet
67Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD1H2R2R PANASONIC-EEE-HD1H2R2R Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD2A220P PANASONIC-EEE-HD2A220P Datasheet
68Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Battery Group
EEU-HD1C101 PANASONICBATTERY-EEU-HD1C101 Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Semiconductor
EET-HD2W561LJ PANASONIC-EET-HD2W561LJ Datasheet
54Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD1E101AP PANASONIC-EEE-HD1E101AP Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEVHD1A101P PANASONIC-EEVHD1A101P Datasheet
39Kb / 2P
   Aluminum Electrolytic Capacitor/HD
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com