Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9467GH-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP9467GH-HF
Description  Single Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9467GH-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP9467GH-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9467GH-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9467GH-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9467GH-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP9467GH/J-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0.6
1.0
1.4
1.8
2.2
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =30A
V G =10V
0
30
60
90
120
150
180
012345
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
7.0V
.
5.0V
4.5V
V G =3.0V
6
8
10
12
14
16
2468
10
V GS , Gate-to-Source Voltage (V)
I D =30A
T C =25
o C
0
20
40
60
80
01234
V DS , Drain-to-Source Voltage (V)
T C =150
o C
V G =3.0V
10V
7.0V
5.0V
4.5V
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C


Similar Part No. - AP9467GH-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9467GH-HF A-POWER-AP9467GH-HF_16 Datasheet
102Kb / 5P
   Fast Switching Characteristics
More results

Similar Description - AP9467GH-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9973GS A-POWER-AP9973GS_14 Datasheet
107Kb / 4P
   Single Drive Requirement
AP9977GJ-HF A-POWER-AP9977GJ-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
AP9962AGH-HF A-POWER-AP9962AGH-HF_14 Datasheet
102Kb / 4P
   Single Drive Requirement
AP40T10GH-HF A-POWER-AP40T10GH-HF_14 Datasheet
54Kb / 4P
   Single Drive Requirement
AP40T10GR A-POWER-AP40T10GR_14 Datasheet
98Kb / 4P
   Single Drive Requirement
AP9977GH-HF A-POWER-AP9977GH-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
AP9972AGR-HF A-POWER-AP9972AGR-HF_14 Datasheet
100Kb / 4P
   Single Drive Requirement
AP9972GR A-POWER-AP9972GR_14 Datasheet
101Kb / 4P
   Single Drive Requirement
AP9979GH-HF A-POWER-AP9979GH-HF_14 Datasheet
101Kb / 4P
   Single Drive Requirement
AP6679GI-HF A-POWER-AP6679GI-HF_14 Datasheet
159Kb / 5P
   Single Drive Requirement
AP9452AGG-HF A-POWER-AP9452AGG-HF_14 Datasheet
99Kb / 4P
   Single Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com