Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9467GS Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP9467GS
Description  Single Drive Requirement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9467GS Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP9467GS_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9467GS_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9467GS_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9467GS_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9467GS_14 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
40
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=30A
-
-
11
mΩ
VGS=4.5V, ID=20A
-
-
20
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=30A
-
35
-
S
IDSS
Drain-Source Leakage Current
VDS=40V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=150
oC) V
DS=32V ,VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS= +20V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=30A
-
11
29
nC
Qgs
Gate-Source Charge
VDS=32V
-
3
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
7
-
nC
td(on)
Turn-on Delay Time
2
VDS=20V
-
8
-
ns
tr
Rise Time
ID=30A
-
69
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
20
-
ns
tf
Fall Time
RD=0.67Ω
-6
-
ns
Ciss
Input Capacitance
VGS=0V
-
970
1660
pF
Coss
Output Capacitance
VDS=25V
-
185
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
110
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.8
3
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=30A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time
IS=20A, VGS=0V,
-
27
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
20
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2
AP9467GS
3.Surface mounted on 1 in
2 copper pad of FR4 board


Similar Part No. - AP9467GS_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9467GS A-POWER-AP9467GS Datasheet
148Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP9467GS_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9973GS A-POWER-AP9973GS_14 Datasheet
107Kb / 4P
   Single Drive Requirement
AP9977GJ-HF A-POWER-AP9977GJ-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
AP9962AGH-HF A-POWER-AP9962AGH-HF_14 Datasheet
102Kb / 4P
   Single Drive Requirement
AP40T10GH-HF A-POWER-AP40T10GH-HF_14 Datasheet
54Kb / 4P
   Single Drive Requirement
AP40T10GR A-POWER-AP40T10GR_14 Datasheet
98Kb / 4P
   Single Drive Requirement
AP9977GH-HF A-POWER-AP9977GH-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
AP9972AGR-HF A-POWER-AP9972AGR-HF_14 Datasheet
100Kb / 4P
   Single Drive Requirement
AP9972GR A-POWER-AP9972GR_14 Datasheet
101Kb / 4P
   Single Drive Requirement
AP9979GH-HF A-POWER-AP9979GH-HF_14 Datasheet
101Kb / 4P
   Single Drive Requirement
AP6679GI-HF A-POWER-AP6679GI-HF_14 Datasheet
159Kb / 5P
   Single Drive Requirement
AP9452AGG-HF A-POWER-AP9452AGG-HF_14 Datasheet
99Kb / 4P
   Single Drive Requirement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com