Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2920 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N2920
Description  NPN SILICON DUAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2920 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N2920 Datasheet HTML 1Page - Microsemi Corporation 2N2920 Datasheet HTML 2Page - Microsemi Corporation 2N2920 Datasheet HTML 3Page - Microsemi Corporation 2N2920 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0202 Rev. 1 (110638)
Page 3 of 4
PACKAGE DIMENSIONS
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Tab Shown omitted.
4
Lead number 4 and 8 omitted on this variation.
5
Beyond r maximum, TW shall be held to a minimum length of .21 inch (5.33 mm)
6
TL shall be measured from maximum CD.
7
Details of outline in this zone are optional.
8
CD1 shall not vary more than .010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
9
Leads at gauge plane .054 - .055 inch (1.37 - 1.40 mm) below seating plane shall be within .007 inch (0.18 mm) radius of
true position (TP) at a maximum material condition (MMC) relative to the tab at MMC. The device may be measured by
direct methods or by the gauge and gauging procedures described on gauge drawing GS-1.
10
LU applies between L1 and L2. LD applies between L2 and LL minimum. Diameter is uncontrolled in L1 and beyond LL
minimum.
11
For transistor types 2N2919 and 2N2920, LL is .500 inch (12.70 mm) minimum and .750 inch (19.05 mm) maximum.
12
For transistor type 2N2919L and 2N2920L, LL is 1.500 inches (38.10 mm) minimum and 1.750 inches (44.45 mm)
maximum.
13
In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 1. Physical dimensions 2N2919, 2N2919L, 2N2920, and 2N2920L (TO-78).
DIMENSIONS
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.335
.370
8.51
9.40
CD1
.305
.335
7.75
8.51
CH
.140
.260
3.56
6.60
HT
.009
.041
0.23
1.04
LC
.140
.160
3.56
4.06
LC1
.200 TP
5.08 TP
9
LD
.016
.021
.041
0.53
10
LL
See notes 10, 11 and 12
LU
.016
.019
.041
0.48
10
L1
.050
1.27
10
L2
.250
6.35
10
P
.100
2.54
8
Q
.050
1.27
7
TL
.029
.045
0.74
1.14
5, 6
TW
.028
.034
0.71
0.86
4, 5
r
.010
0.25
α
45°TP
45°TP
9


Similar Part No. - 2N2920

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2920 SEME-LAB-2N2920 Datasheet
19Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
Semicoa Semiconductor
2N2920 SEMICOA-2N2920 Datasheet
31Kb / 1P
   Chip Type 2C2484 Geometry 0307 Polarity NPN
logo
Central Semiconductor C...
2N2920 CENTRAL-2N2920 Datasheet
52Kb / 1P
   Dual Transistors
logo
Semicoa Semiconductor
2N2920 SEMICOA-2N2920 Datasheet
208Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N2920 MICROSEMI-2N2920 Datasheet
304Kb / 4P
   NPN SILICON DUAL TRANSISTOR
More results

Similar Description - 2N2920

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MD918 CENTRAL-MD918 Datasheet
65Kb / 2P
   NPN DUAL SILICON TRANSISTOR
2N5793 CENTRAL-2N5793 Datasheet
67Kb / 1P
   NPN SILICON DUAL TRANSISTOR
2N2060M CENTRAL-2N2060M Datasheet
435Kb / 2P
   SILICON DUAL NPN TRANSISTOR
MD918 CENTRAL-MD918_15 Datasheet
69Kb / 2P
   NPN SILICON DUAL TRANSISTOR
MD8001 CENTRAL-MD8001_15 Datasheet
51Kb / 1P
   NPN SILICON DUAL TRANSISTOR
2N2917 CENTRAL-2N2917_15 Datasheet
87Kb / 2P
   NPN SILICON DUAL TRANSISTOR
2N2918 CENTRAL-2N2918_15 Datasheet
422Kb / 2P
   DUAL SILICON NPN TRANSISTOR
logo
Microsemi Corporation
2N5793 MICROSEMI-2N5793 Datasheet
131Kb / 2P
   NPN SILICON DUAL TRANSISTOR
2N2919 MICROSEMI-2N2919 Datasheet
304Kb / 4P
   NPN SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N2918 CENTRAL-2N2918 Datasheet
422Kb / 2P
   DUAL SILICON NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com