Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF104CT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SF104CT
Description  10.0 Ampere Dual Common Cathode Super Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF104CT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SF104CT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF104CT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
10.0
10.0
100
1.3
1.7
0.98
35
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
®
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
SF104CT thru SF108CT
Pb
10.0 Ampere Dual Common Cathode Super Fast Recovery Rectifier
SF104CT
Rev.04/2014
SF104CT thru SF108CT
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Heatsink TO-220AB
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
TO-220AB
Unit : inch (mm)
Application
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "CTA"
Suffix "CTD"
Suffix "CT"
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Tandem Polarity
SF106CT
SF108CT


Similar Part No. - SF104CT

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
SF104CT HORNBY-SF104CT Datasheet
301Kb / 3P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
SF104CT THINKISEMI-SF104CT Datasheet
272Kb / 2P
   10.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
SF104CTA THINKISEMI-SF104CTA Datasheet
620Kb / 2P
   10.0 Ampere Dual Common Anode Super Fast Recovery Rectifier
SF104CTA THINKISEMI-SF104CTA Datasheet
273Kb / 2P
   10.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SF104CTD THINKISEMI-SF104CTD Datasheet
620Kb / 2P
   10.0 Ampere Dual Doubler Polarity Super Fast Recovery Rectifier
More results

Similar Description - SF104CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SF104C THINKISEMI-SF104C Datasheet
620Kb / 2P
   10.0 Ampere Dual Common Cathode Super Fast Recovery Rectifier
SF1004G THINKISEMI-SF1004G Datasheet
620Kb / 2P
   10.0 Ampere Dual Common Cathode Super Fast Recovery Rectifiers
SF101CT THINKISEMI-SF101CT Datasheet
272Kb / 2P
   10.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
SF101CTG THINKISEMI-SF101CTG Datasheet
273Kb / 2P
   10.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
SF101C THINKISEMI-SF101C Datasheet
295Kb / 2P
   10.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
SFF10L04G THINKISEMI-SFF10L04G Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
SF104A THINKISEMI-SF104A Datasheet
620Kb / 2P
   10.0 Ampere Dual Common Anode Super Fast Recovery Rectifier
SF104CTA THINKISEMI-SF104CTA Datasheet
620Kb / 2P
   10.0 Ampere Dual Common Anode Super Fast Recovery Rectifier
SFF1001G THINKISEMI-SFF1001G Datasheet
822Kb / 2P
   10.0 Ampere Insulated Common Cathode Super Fast Recovery Rectifiers
FR1001CT THINKISEMI-FR1001CT Datasheet
607Kb / 2P
   10.0 Ampere Heatsink Dual Common Cathode Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com