Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC0007469 Datasheet(PDF) 1 Page - ERNI Electronics

Part # DC0007469
Description  0.8 DRC-Q, F 12 polig 0.8 DRC-Q, F 12 pin
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

DC0007469 Datasheet(HTML) 1 Page - ERNI Electronics

  DC0007469 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
24,5
150
330
Tape on Reel Packaging
Verpackungseinheit: 650 Stück -
Verpackt in Gurtverpackung
-
Packaging unit: 650 pcs
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 2
Performance Level 2
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
0,1 mm
A3
prior notice.
contact one of the ERNI companies
Date
e03
Index
DRCQ
0,8 DRC-Q, F 12 pin
0,8 DRC-Q, F 12 polig
294251
5:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
b6
b1
0,7
5 x 0,8 =
6 ±0,03
-0,03
4
9
0,8
7,4
0,7 -0,03
PCB-Layout Proposal for SMT
a1
Leiterplatten-Layout Vorschlag für SMT
a6
±0,03
0,8
6
0,55
0,8
5 x 0,8 =
±0,03
4
1
-0,03
1,35
0,15
1 -0,03
4,4
-0,05
0,7
4
b1
16


Similar Part No. - DC0007469

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0007403 ERNI-DC0007403 Datasheet
160Kb / 1P
   0.8 DRC-Q. M 1mm, 140 polig 0.8 DRC-Q, M 1mm, 140 pin
DC0007406 ERNI-DC0007406 Datasheet
157Kb / 1P
   0.8 DRC-Q. M 2mm, 140 polig 0.8 DRC-Q, M 2mm, 140 pin
DC0007417 ERNI-DC0007417 Datasheet
76Kb / 1P
   0.8 DRC-Q, F 16 polig 0.8 DRC-Q, F 16 pin
DC0007419 ERNI-DC0007419 Datasheet
79Kb / 1P
   0.8 DRC-Q, F 20 polig 0.8 DRC-Q, F 20 pin
DC0007423 ERNI-DC0007423 Datasheet
89Kb / 1P
   0.8 DRC-Q, F 32 polig 0.8 DRC-Q, F 32 pin
More results

Similar Description - DC0007469

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0007423 ERNI-DC0007423 Datasheet
89Kb / 1P
   0.8 DRC-Q, F 32 polig 0.8 DRC-Q, F 32 pin
DC0007429 ERNI-DC0007429 Datasheet
98Kb / 1P
   0.8 DRC-Q, F 68 polig 0.8 DRC-Q, F 68 pin
DC0007481 ERNI-DC0007481 Datasheet
86Kb / 1P
   0.8 DRC-Q, F 26 polig 0.8 DRC-Q, F 26 pin
DC0007425 ERNI-DC0007425 Datasheet
93Kb / 1P
   0.8 DRC-Q, F 40 polig 0.8 DRC-Q, F 40 pin
DC0007437 ERNI-DC0007437 Datasheet
121Kb / 1P
   0.8 DRC-Q, F 140 polig 0.8 DRC-Q, F 140 pin
DC0007419 ERNI-DC0007419 Datasheet
79Kb / 1P
   0.8 DRC-Q, F 20 polig 0.8 DRC-Q, F 20 pin
DC0007431 ERNI-DC0007431 Datasheet
105Kb / 1P
   0.8 DRC-Q, F 80 polig 0.8 DRC-Q, F 80 pin
DC0007433 ERNI-DC0007433 Datasheet
108Kb / 1P
   0.8 DRC-Q, F 100 polig 0.8 DRC-Q, F 100 pin
DC0007417 ERNI-DC0007417 Datasheet
76Kb / 1P
   0.8 DRC-Q, F 16 polig 0.8 DRC-Q, F 16 pin
DC0007427 ERNI-DC0007427 Datasheet
99Kb / 1P
   0.8 DRC-Q, F 50 polig 0.8 DRC-Q, F 50 pin
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com