Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVU363 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HVU363
Description  Variable Capacitance Diode for TV tuner
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVU363 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HVU363 Datasheet HTML 1Page - Hitachi Semiconductor HVU363 Datasheet HTML 2Page - Hitachi Semiconductor HVU363 Datasheet HTML 3Page - Hitachi Semiconductor HVU363 Datasheet HTML 4Page - Hitachi Semiconductor HVU363 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVU363A
3
Main Characteristic
Fig.1 Reverse current Vs. Reverse voltage
Fig.2 Capacitance Vs. Reverse voltage
Fig.3 Series resistance Vs. Reverse voltage
Fig.4 Linearity factor Vs. Reverse voltage
Reverse voltage V (V)
R
10
-6
10
10
-8
10
-9
10
-10
010
20
30
40
50
10
-13
10-11
-7
-12
10
Reverse voltage V (V)
R
10
20
0
1.0
10
2
f=1MHz
40
60
80
Reverse voltage V (V)
R
10
0.2
0
1.0
10
2
0.4
0.6
0.8
f=470MHz
Reverse voltage V (V)
R
10
-1.50
-2.00
1.0
10
2
f=1MHz
-1.00
-0.50
0


Similar Part No. - HVU363

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVU363 HITACHI-HVU363 Datasheet
23Kb / 5P
   Variable Capacitance Diode for TV tuner
logo
Renesas Technology Corp
HVU363A RENESAS-HVU363A Datasheet
252Kb / 5P
   Variable Capacitance Diode for TV tuner
logo
Hitachi Semiconductor
HVU363B HITACHI-HVU363B Datasheet
23Kb / 5P
   Variable Capacitance Diode for TV tuner
logo
Renesas Technology Corp
HVU363B RENESAS-HVU363B Datasheet
63Kb / 5P
   Variable Capacitance Diode for TV tuner
More results

Similar Description - HVU363

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HVC363A LRC-HVC363A Datasheet
29Kb / 2P
   Variable Capacitance Diode for TV Tuner
logo
Hitachi Semiconductor
HVC308A HITACHI-HVC308A Datasheet
24Kb / 5P
   Variable Capacitance Diode for TV tuner
HVU363B HITACHI-HVU363B Datasheet
23Kb / 5P
   Variable Capacitance Diode for TV tuner
HVU308A HITACHI-HVU308A Datasheet
26Kb / 5P
   Variable Capacitance Diode for TV tuner
logo
Renesas Technology Corp
HVC308A RENESAS-HVC308A Datasheet
143Kb / 5P
   Variable Capacitance Diode for TV tuner
HVU363A RENESAS-HVU363A Datasheet
252Kb / 5P
   Variable Capacitance Diode for TV tuner
logo
Leshan Radio Company
HVC308A LRC-HVC308A Datasheet
43Kb / 2P
   Variable Capacitance Diode for TV Tuner
logo
Hitachi Semiconductor
HVC363B HITACHI-HVC363B Datasheet
30Kb / 5P
   Variable Capacitance Diode for TV tuner
logo
Renesas Technology Corp
HVU363B RENESAS-HVU363B Datasheet
63Kb / 5P
   Variable Capacitance Diode for TV tuner
logo
Hitachi Semiconductor
HVC363A HITACHI-HVC363A Datasheet
32Kb / 5P
   Variable Capacitance Diode for TV tuner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com