Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZM6.2ZFA Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HZM6.2ZFA
Description  Silicon Epitaxial Planar Zener Diode for Surge Absorb
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZM6.2ZFA Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HZM6.2ZFA Datasheet HTML 1Page - Hitachi Semiconductor HZM6.2ZFA Datasheet HTML 2Page - Hitachi Semiconductor HZM6.2ZFA Datasheet HTML 3Page - Hitachi Semiconductor HZM6.2ZFA Datasheet HTML 4Page - Hitachi Semiconductor HZM6.2ZFA Datasheet HTML 5Page - Hitachi Semiconductor HZM6.2ZFA Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HZM6.2ZFA
3
Main Characteristic
t
PRSM
10
10
1.0
10
10
1.0
10
10
10
10
10
4
3
2
-5
-4
-3
-2
-1
0
2
10
10
10
10
8
10
10
6
4
-6
-5
-4
-3
-2
250
200
150
100
50
200
150
100
50
0
0
Fig.2 Power Dissipation Vs. Ambient Temperature
Ambient Temperature Ta ( °C)
Fig.1 Zener current Vs. Zener voltage
Zener Voltage
Vz (V)
Fig.3 Surge Reverse Power Ratings
Ta = 25°C
nonrepetitive
Time t
(s)
1.0mm
Printed circuit board
25 62 1.6t mm
Material:
Glass Epoxy Resin+Cu Foil
×
×
Cu Foil


Similar Part No. - HZM6.2ZFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM6.2Z4MFA RENESAS-HZM6.2Z4MFA Datasheet
50Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZM6.2Z4MWA RENESAS-HZM6.2Z4MWA Datasheet
85Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZM6.2ZMFA RENESAS-HZM6.2ZMFA Datasheet
164Kb / 6P
   Silicon Planar Zener Diode for Surge Absorb
HZM6.2ZMWA RENESAS-HZM6.2ZMWA Datasheet
102Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Hitachi Semiconductor
HZM6.2ZWA HITACHI-HZM6.2ZWA Datasheet
30Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
More results

Similar Description - HZM6.2ZFA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZM27WA HITACHI-HZM27WA Datasheet
30Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM27FA HITACHI-HZM27FA Datasheet
28Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM43FA HITACHI-HZM43FA Datasheet
32Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Renesas Technology Corp
HZM7.5FA RENESAS-HZM7.5FA Datasheet
179Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Hitachi Semiconductor
HZM62ZWA HITACHI-HZM62ZWA Datasheet
30Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM56ZFA HITACHI-HZM56ZFA Datasheet
31Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM68FA HITACHI-HZM68FA Datasheet
28Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Renesas Technology Corp
HZM27WA RENESAS-HZM27WA Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM5.6ZFA RENESAS-HZM5.6ZFA Datasheet
156Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZU6.8Z RENESAS-HZU6.8Z Datasheet
155Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Hitachi Metals, Ltd
HZU6.2L HITACHI-METALS-HZU6.2L Datasheet
31Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com