Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCH043N60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FCH043N60
Description  N-Channel SuperFET II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH043N60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FCH043N60 Datasheet HTML 1Page - Fairchild Semiconductor FCH043N60 Datasheet HTML 2Page - Fairchild Semiconductor FCH043N60 Datasheet HTML 3Page - Fairchild Semiconductor FCH043N60 Datasheet HTML 4Page - Fairchild Semiconductor FCH043N60 Datasheet HTML 5Page - Fairchild Semiconductor FCH043N60 Datasheet HTML 6Page - Fairchild Semiconductor FCH043N60 Datasheet HTML 7Page - Fairchild Semiconductor FCH043N60 Datasheet HTML 8Page - Fairchild Semiconductor FCH043N60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2014 Fairchild Semiconductor Corporation
FCH043N60 Rev. C0
www.fairchildsemi.com
1
April 2014
FCH043N60
N-Channel SuperFET® II MOSFET
600 V, 75 A, 43 m
Ω
Features
•650 V @ TJ = 150°C
•Typ. RDS(on) = 37 mΩ
• Ultra Low Gate Charge (Typ. Qg = 163 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 730 pF)
• 100% Avalanche Tested
•RoHS Compliant
Applications
• Telecom / Sever Power Supplies
• Industrial Power Supplies
Description
SuperFET® II MOSFET is Fairchild Semiconductor’s brand-new
high voltage super-junction (SJ) MOSFET family that is utilizing
charge balance technology for outstanding low on-resistance
and lower gate charge performance. This advanced technology
is tailored to minimize conduction loss, provide superior
switching performance, and withstand extreme dv/dt rate and
higher avalanche energy. Consequently, SuperFET II MOSFET
is suitable for various AC/DC power conversion for system
miniaturization and higher efficiency.
G
D
S
TO-247
G
S
D
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FCH043N60
Unit
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
- DC
±20
V
- AC
(f > 1 Hz)
±30
ID
Drain Current
- Continuous (TC = 25oC)
75
A
- Continuous (TC = 100oC)
47.5
IDM
Drain Current
- Pulsed
(Note 1)
225
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
2025
mJ
IAR
Avalanche Current
(Note 1)
15
A
EAR
Repetitive Avalanche Energy
(Note 1)
5.92
mJ
dv/dt
MOSFET dv/dt
100
V/ns
Peak Diode Recovery dv/dt
(Note 3)
20
PD
Power Dissipation
(TC = 25oC)
592
W
- Derate Above 25oC4.74
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FCH043N60
Unit
RθJC
Thermal Resistance, Junction to Case, Max.
0.21
oC/W
RθJA
Thermal Resistance, Junction to Ambient, Max.
40


Similar Part No. - FCH043N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH043N60 ISC-FCH043N60 Datasheet
406Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCH043N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP190N60 FAIRCHILD-FCP190N60_13 Datasheet
342Kb / 10P
   N-Channel SuperFET II MOSFET
FCH104N60 FAIRCHILD-FCH104N60 Datasheet
766Kb / 9P
   N-Channel SuperFET II MOSFET
FCP130N60 FAIRCHILD-FCP130N60 Datasheet
1Mb / 10P
   N-Channel SuperFET II MOSFET
FCH170N60 FAIRCHILD-FCH170N60 Datasheet
624Kb / 9P
   N-Channel SuperFET II MOSFET
FCP104N60 FAIRCHILD-FCP104N60 Datasheet
788Kb / 10P
   N-Channel SuperFET II MOSFET
FCD1300N80Z FAIRCHILD-FCD1300N80Z Datasheet
887Kb / 10P
   N-Channel SuperFET II MOSFET
FCH130N60 FAIRCHILD-FCH130N60 Datasheet
620Kb / 9P
   N-Channel SuperFET II MOSFET
FCP380N60 FAIRCHILD-FCP380N60_13 Datasheet
333Kb / 10P
   N-Channel SuperFET II MOSFET
FCP170N60 FAIRCHILD-FCP170N60 Datasheet
800Kb / 10P
   N-Channel SuperFET II MOSFET
FCP150N65F FAIRCHILD-FCP150N65F Datasheet
1Mb / 12P
   N-Channel SuperFET II FRFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com