Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC86139P Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMC86139P
Description  P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC86139P Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMC86139P Datasheet HTML 1Page - Fairchild Semiconductor FDMC86139P Datasheet HTML 2Page - Fairchild Semiconductor FDMC86139P Datasheet HTML 3Page - Fairchild Semiconductor FDMC86139P Datasheet HTML 4Page - Fairchild Semiconductor FDMC86139P Datasheet HTML 5Page - Fairchild Semiconductor FDMC86139P Datasheet HTML 6Page - Fairchild Semiconductor FDMC86139P Datasheet HTML 7Page - Fairchild Semiconductor FDMC86139P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
©2013 Fairchild Semiconductor Corporation
FDMC86139P Rev.C2
Dimensional Outline and Pad Layout
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, spe-
cifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_MLDEU-C08


Similar Part No. - FDMC86139P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86102 FAIRCHILD-FDMC86102 Datasheet
349Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 20 A, 24 m廓
FDMC86102LZ FAIRCHILD-FDMC86102LZ Datasheet
266Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86102 FAIRCHILD-FDMC86102_12 Datasheet
283Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 20 A, 24 m廓
FDMC86106LZ FAIRCHILD-FDMC86106LZ Datasheet
323Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 7.5 A, 103 m廓
FDMC86106LZ FAIRCHILD-FDMC86106LZ Datasheet
278Kb / 7P
   N-Channel Shielded Gate PowerTrench MOSFET 100 V, 7.5 A, 103 m廓
More results

Similar Description - FDMC86139P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
FDMC5614P FAIRCHILD-FDMC5614P Datasheet
263Kb / 7P
   P-Channel PowerTrench MOSFET
FDC365P FAIRCHILD-FDC365P_07 Datasheet
308Kb / 6P
   P-Channel PowerTrench MOSFET
FDMC86265P FAIRCHILD-FDMC86265P Datasheet
288Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86163P FAIRCHILD-FDMS86163P Datasheet
333Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86263P FAIRCHILD-FDMS86263P Datasheet
351Kb / 8P
   P-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD9509L-F085 ONSEMI-FDD9509L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDN86265P FAIRCHILD-FDN86265P Datasheet
270Kb / 7P
   P-Channel PowerTrench MOSFET
FDMC86259P FAIRCHILD-FDMC86259P Datasheet
179Kb / 8P
   P-Channel PowerTrench MOSFET
FDS4675 FAIRCHILD-FDS4675 Datasheet
73Kb / 5P
   40V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com