Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF00105A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # PF00105A
Description  MOS FET Power Amplifier Module for AMPS Handy Phone
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF00105A Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button PF00105A Datasheet HTML 2Page - Hitachi Semiconductor PF00105A Datasheet HTML 3Page - Hitachi Semiconductor PF00105A Datasheet HTML 4Page - Hitachi Semiconductor PF00105A Datasheet HTML 5Page - Hitachi Semiconductor PF00105A Datasheet HTML 6Page - Hitachi Semiconductor PF00105A Datasheet HTML 7Page - Hitachi Semiconductor PF00105A Datasheet HTML 8Page - Hitachi Semiconductor PF00105A Datasheet HTML 9Page - Hitachi Semiconductor PF00105A Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PF00105A
6
Id vs. Vapc (2)
Vapc (V)
0
4.5
4
2.5
3
2.5
2
1.5
1
0.5
5
700
600
500
400
300
200
100
0
Pin=+7dBm
Vdd=4.6V
Tc=25
°C
836.5MHz
824MHz
849MHz
Id vs. Vapc (3)
Vapc (V)
0
4.5
4
2.5
3
2.5
2
1.5
1
0.5
5
700
600
500
400
300
200
100
0
Pin=+7dBm
Vdd=4.6V
Tc=60
°C
836.5MHz
824MHz
849MHz


Similar Part No. - PF00105A

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PF0011 BULGIN-PF0011 Datasheet
1Mb / 26P
   POLYSNAP짰 POWER INLET MODULES
PF0011 BULGIN-PF0011 Datasheet
98Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011/10/28 BULGIN-PF0011/10/28 Datasheet
98Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011/10/PC BULGIN-PF0011/10/PC Datasheet
98Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0016/10/28 BULGIN-PF0016/10/28 Datasheet
127Kb / 1P
   EN60 320-1 Standard Sheet C18 Class II Cold Condition (Fused)
More results

Similar Description - PF00105A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0415A HITACHI-PF0415A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for PCS 1900 Handy Phone
PF0414B HITACHI-PF0414B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
PF0414A HITACHI-PF0414A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0027 HITACHI-PF0027 Datasheet
287Kb / 7P
   MOS FET Power Ampllfier Module for E-TACS Handy Phone
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
Renesas Technology Corp
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
   MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com