Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-118-BHC-ZL1M2QY-3T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 19-118-BHC-ZL1M2QY-3T
Description  0603 Package Chip LED (0.3mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-118-BHC-ZL1M2QY-3T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  19-118-BHC-ZL1M2QY-3T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-118-BHC-ZL1M2QY-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-118-BHC-ZL1M2QY-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-118-BHC-ZL1M2QY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-118-BHC-ZL1M2QY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-118-BHC-ZL1M2QY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-118-BHC-ZL1M2QY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-118-BHC-ZL1M2QY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-118-BHC-ZL1M2QY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : 29-May.2013. Issue No: DSE-0008926
Rev.3
www.everlight.com
SMD B
19-118/BHC-ZL1M2QY/3T
Features
Package in 8mm tape on 7〞diameter reel.
Compatible with automatic placement equipment.
Compatible with infrared and vapor phase reflow solder process.
Mono-color type.
Pb-free.
The product itself will remain within RoHS compliant version.
Description
The 19-118 SMD LED is much smaller than lead frame type components, thus enable smaller board size, higher packing
density, reduced storage space and finally smaller equipment to be obtained.
Besides, lightweight makes them ideal for miniature applications. etc.
Applications
Backlighting in dashboard and switch.
Telecommunication: indicator and backlighting in telephone and fax.
Flat backlight for LCD, switch and symbol.
General use.


Similar Part No. - 19-118-BHC-ZL1M2QY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-118-BHC-ZL1M2QY-3T EVERLIGHT-19-118-BHC-ZL1M2QY-3T Datasheet
142Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-118-BHC-ZL1M2QY-3T TO-GRACE-19-118-BHC-ZL1M2QY-3T Datasheet
769Kb / 11P
   0603 Package Chip LED (0.3mm Height)
More results

Similar Description - 19-118-BHC-ZL1M2QY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T Datasheet
178Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-BHC-ZL1M2QY-3T TO-GRACE-19-218-BHC-ZL1M2QY-3T Datasheet
711Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-118-BHC-ZL1M2QY-3T EVERLIGHT-19-118-BHC-ZL1M2QY-3T Datasheet
142Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T_11 Datasheet
180Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T_11 Datasheet
143Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-R6C-FM2P1B7Y-3T TO-GRACE-19-218-R6C-FM2P1B7Y-3T Datasheet
698Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-T1D-CQ2R2TY-3T TO-GRACE-19-218-T1D-CQ2R2TY-3T Datasheet
482Kb / 12P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-218-R6C-AL1M2VY-3T EVERLIGHT-19-218-R6C-AL1M2VY-3T Datasheet
208Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T Datasheet
177Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-T1D-CQ2R2TY-3T EVERLIGHT-19-218-T1D-CQ2R2TY-3T Datasheet
220Kb / 12P
   0603 Package Chip LED (0.3mm Height)
19-218-GHC-YR1S2M-3T EVERLIGHT-19-218-GHC-YR1S2M-3T Datasheet
172Kb / 10P
   0603 Package Chip LED (0.3mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com