Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-03-RSGHBHC-B06-1T(GH) Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 67-03-RSGHBHC-B06-1T(GH)
Description  REFLECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-03-RSGHBHC-B06-1T(GH) Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 67-03-RSGHBHC-B06-1T(GH) Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(GH) Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(GH) Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(GH) Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(GH) Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(GH) Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(GH) Datasheet HTML 10Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(GH) Datasheet HTML 11Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(GH) Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DATASHEET
SMD
■ REFLECTOR
67-03/RSGHBHC-B06/1T
8
Copyright © 2012, Everlight All Rights Reserved. Release Date : May.28.2013. Issue No: DSE-000581-v3
www.everlight.com
Typical Electro-Optical Characteristics Curves(BH)
1000
2.6
Forward Voltage V (V)
Forward Current Derating Curve
0
Ambient temperature Ta (°c)
-40
10
0
1
10
40
20
60
100
80
80
20
-20
0
40 60
100
1
10
400
Ambient Temperature
100
1000
25
0
50
75
100
0
550
Wavelength λ (nm)
450
500
100
600
Ta=25°C
10
20
30
40
50
Spectrum Distribution
Forward current I (mA)
0
10
1
10
2
10
3
10
Forward Voltage
4.0
f=1KHz
Duty=1/10
Forward Current
3.2
2.8
3.6
Ta=25°C
Ta=25°C
Forward Current vs.
F
F
Ambient temperature Ta (°c)
20
30
40
50
60
Relative Luminous Intensity vs.
Relative Luminous Intensity vs.
0.7
0.9
0.8
1.0
0.4
0.3
0.5
0.1
0.2
70°
0.6
80°
90°
50°
60°
40°
Radiation Diagram
10°
Ta=25°C
20°
30°


Similar Part No. - 67-03-RSGHBHC-B06-1T(GH)

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-03-RSGHBHC-B06-1T(RS) EVERLIGHT-67-03-RSGHBHC-B06-1T(RS) Datasheet
444Kb / 13P
   REFLECTOR
More results

Similar Description - 67-03-RSGHBHC-B06-1T(GH)

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-03-RSGHBHC-B06-1T EVERLIGHT-67-03-RSGHBHC-B06-1T Datasheet
444Kb / 13P
   REFLECTOR
EAPL3527RGBA4 EVERLIGHT-EAPL3527RGBA4 Datasheet
452Kb / 15P
   REFLECTOR
67-03-RSGHBHC-B06-1T(RS) EVERLIGHT-67-03-RSGHBHC-B06-1T(RS) Datasheet
444Kb / 13P
   REFLECTOR
EAPL2214BA1 EVERLIGHT-EAPL2214BA1 Datasheet
471Kb / 9P
   REFLECTOR
EAPL4040WA0-AM EVERLIGHT-EAPL4040WA0-AM Datasheet
301Kb / 10P
   REFLECTOR
67-21-GBC-YV2W2N-2T EVERLIGHT-67-21-GBC-YV2W2N-2T Datasheet
256Kb / 9P
   REFLECTOR
EAPL3527RGBA0 EVERLIGHT-EAPL3527RGBA0 Datasheet
385Kb / 13P
   REFLECTOR
EAPL3527WA5 EVERLIGHT-EAPL3527WA5 Datasheet
452Kb / 10P
   REFLECTOR
EAPL3527WA6 EVERLIGHT-EAPL3527WA6 Datasheet
449Kb / 10P
   REFLECTOR
logo
Marktech Corporate
MTRS1060 MARKTECH-MTRS1060 Datasheet
100Kb / 2P
   Photo Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com