Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-03-RSGHBHC-B06-1T(RS) Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 67-03-RSGHBHC-B06-1T(RS)
Description  REFLECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-03-RSGHBHC-B06-1T(RS) Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  67-03-RSGHBHC-B06-1T(RS) Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(RS) Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(RS) Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(RS) Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(RS) Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(RS) Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(RS) Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(RS) Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-03-RSGHBHC-B06-1T(RS) Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DATASHEET
SMD
■ REFLECTOR
67-03/RSGHBHC-B06/1T
5
Copyright © 2012, Everlight All Rights Reserved. Release Date : May.28.2013. Issue No: DSE-000581-v3
www.everlight.com
Floating Bin(BH)
Bin Range of Luminous Intensity
Symbol
Bin Code
Min.
Max.
Unit
Condition
BH
S2
225.0
285.0
mcd
IF =20mA
T1
285.0
360.0
T2
360.0
450.0
Bin Range of Dominant Wavelength
Symbol
Bin Code
Min.
Max.
Unit
Condition
BH
X
465.0
470.0
nm
IF =20mA
Note:
1.Tolerance of Luminous Intensity: ±10%
2.Tolerance of Dominant Wavelength: ±1nm
3.Tolerance of Forward Voltage: ±0.1V


Similar Part No. - 67-03-RSGHBHC-B06-1T(RS)

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-03-RSGHBHC-B06-1T(GH) EVERLIGHT-67-03-RSGHBHC-B06-1T(GH) Datasheet
444Kb / 13P
   REFLECTOR
More results

Similar Description - 67-03-RSGHBHC-B06-1T(RS)

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-03-RSGHBHC-B06-1T EVERLIGHT-67-03-RSGHBHC-B06-1T Datasheet
444Kb / 13P
   REFLECTOR
EAPL3527RGBA4 EVERLIGHT-EAPL3527RGBA4 Datasheet
452Kb / 15P
   REFLECTOR
67-03-RSGHBHC-B06-1T(GH) EVERLIGHT-67-03-RSGHBHC-B06-1T(GH) Datasheet
444Kb / 13P
   REFLECTOR
EAPL2214BA1 EVERLIGHT-EAPL2214BA1 Datasheet
471Kb / 9P
   REFLECTOR
EAPL4040WA0-AM EVERLIGHT-EAPL4040WA0-AM Datasheet
301Kb / 10P
   REFLECTOR
67-21-GBC-YV2W2N-2T EVERLIGHT-67-21-GBC-YV2W2N-2T Datasheet
256Kb / 9P
   REFLECTOR
EAPL3527RGBA0 EVERLIGHT-EAPL3527RGBA0 Datasheet
385Kb / 13P
   REFLECTOR
EAPL3527WA5 EVERLIGHT-EAPL3527WA5 Datasheet
452Kb / 10P
   REFLECTOR
EAPL3527WA6 EVERLIGHT-EAPL3527WA6 Datasheet
449Kb / 10P
   REFLECTOR
logo
Marktech Corporate
MTRS1060 MARKTECH-MTRS1060 Datasheet
100Kb / 2P
   Photo Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com