Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL21081AT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL21081AT
Description  Compact non-dimmable LED driver IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081AT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL21081AT Datasheet HTML 5Page - NXP Semiconductors SSL21081AT Datasheet HTML 6Page - NXP Semiconductors SSL21081AT Datasheet HTML 7Page - NXP Semiconductors SSL21081AT Datasheet HTML 8Page - NXP Semiconductors SSL21081AT Datasheet HTML 9Page - NXP Semiconductors SSL21081AT Datasheet HTML 10Page - NXP Semiconductors SSL21081AT Datasheet HTML 11Page - NXP Semiconductors SSL21081AT Datasheet HTML 12Page - NXP Semiconductors SSL21081AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SSL21081AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 3 October 2013
9 of 21
NXP Semiconductors
SSL21081AT
Compact non-dimmable LED driver IC
SSL21081AT, there is a maximum limit on the on-time ton(high). The rate of current rise in
the coil during the on-phase is proportional to the difference between input voltage and
output voltage. Therefore, the peak current cannot be reached before ton(high). As a result
the average output current to the LEDs is reduced.
8.3.6 Output Short-circuit Protection (OSP)
During the secondary stroke (switch-off time), if a valley is not detected within the off-time
limit (toff(high)), then typically the output voltage is less than the minimum limit allowed in
the application. This condition can occur either during start-up or due to a short-circuit. A
timer tdet(sc) is started when toff(high) is detected. Timer tdet(sc) is reset when a valid valley
detection occurs in one of the subsequent cycles or when VCC drops to below VCC(stop).
The timer can also be reset if the maximum limit on the on-time of the switch (ton(high)) is
reached, which is usually the case at start-up (brownout protection). If no valley is
detected and (ton(high)) is not reached before tdet(sc), then it is concluded that a real
short-circuit exists. The IC enters latched protection. If VCC drops to below VCC(rst), the IC
resets the latched protection mode (see Figure 5).
8.4 VCC supply
The SSL21081AT is supplied using three methods:
Under normal operation, the voltage swing on the DVDT pin is rectified within the IC
providing current towards the VCC pin
At start-up, there is an internal current source connected to the HV pin. The current
source provides internal power until either the dV/dt supply or an external current on
the VCC pin provides the supply
Using an auxiliary winding, the voltage can be rectified and connected to the VCC pin
via a series resistor.
The IC starts up when the voltage at the VCC pin exceeds VCC(startup). The IC locks out
(stops switching) when the voltage at the VCC pin is < VCC(stop). The hysteresis between
the start and stop levels allows the IC to be supplied by a buffer capacitor until the dV/dt
supply is settled. The SSL21081AT has an internal VCC clamp, which is an internal active
Zener (or shunt regulator). This internal active Zener limits the voltage on the supply VCC
pin to the maximum value of VCC. If the maximum current of the dV/dt supply minus the
current consumption of the IC (determined by the load on the gate drivers) is lower than
the maximum value of IDD, no external Zener diode is required in the dV/dt supply circuit.
Fig 5.
OSP logic diagram


Similar Part No. - SSL21081AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL21081T PHILIPS-SSL21081T Datasheet
846Kb / 24P
   GreenChip drivers for LED lighting
Rev. 2-6 December 2011
SSL21081_JP PHILIPS-SSL21081_JP Datasheet
668Kb / 21P
   ?녈꺍?묆궚?덆씆沃욕뀎LED ?㎪삇?ⓦ깋?⒲궎?
Rev. 1-5 June 2013
More results

Similar Description - SSL21081AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL21083AT PHILIPS-SSL21083AT Datasheet
213Kb / 23P
   Compact non-dimmable LED driver IC
Rev. 6-4 October 2013
SSL2115X NXP-SSL2115X Datasheet
133Kb / 15P
   Low-cost non-dimmable LED driver IC
Rev. 2-7 June 2012
logo
TE Connectivity Ltd
SSL-75W TEC-SSL-75W Datasheet
385Kb / 2P
   75W Non Dimmable LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
Bright Power Semiconduc...
BP2318 BPS-BP2318 Datasheet
187Kb / 2P
   Dimmable Non-isolated Buck APFC LED Driver
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
   PWM dimmable Non-isolated Buck LED Driver
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com