Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR4910W26 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DCR4910W26
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR4910W26 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DCR4910W26 Datasheet HTML 1Page - Dynex Semiconductor DCR4910W26 Datasheet HTML 2Page - Dynex Semiconductor DCR4910W26 Datasheet HTML 3Page - Dynex Semiconductor DCR4910W26 Datasheet HTML 4Page - Dynex Semiconductor DCR4910W26 Datasheet HTML 5Page - Dynex Semiconductor DCR4910W26 Datasheet HTML 6Page - Dynex Semiconductor DCR4910W26 Datasheet HTML 7Page - Dynex Semiconductor DCR4910W26 Datasheet HTML 8Page - Dynex Semiconductor DCR4910W26 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SEMICONDUCTOR
DCR4910W28
5/10
www.dynexsemi.com
Fig.3 On-state power dissipation
– sine wave
Fig.4 Maximum permissible case temperature,
double side cooled
– sine wave
Fig.5 Maximum permissible heatsink temperature,
double side cooled
– sine wave
Fig.6 On-state power dissipation
– rectangular wave
0
2
4
6
8
10
12
14
16
0
1000 2000 3000 4000 5000 6000 7000 8000
Mean on-state current, I
T(AV) - (A)
180
120
90
60
30
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
1000 2000 3000 4000 5000 6000 7000 8000
Mean on-state current, I
T(AV) - (A)
180
120
90
60
30
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
1000 2000 3000 4000 5000 6000 7000
Mean on-state current, I
T(AV) - (A)
180
120
90
60
30
0
2
4
6
8
10
12
14
16
0
1000 2000 3000 4000 5000 6000 7000 8000
Mean on-state current, I
T(AV) - (A)
d.c.
180
120
90
60
30


Similar Part No. - DCR4910W26

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR4910W26 DYNEX-DCR4910W26 Datasheet
378Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR4910W26

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com