Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFM1200AXM45-TS000 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DFM1200AXM45-TS000
Description  Fast Recovery Diode Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM1200AXM45-TS000 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DFM1200AXM45-TS000 Datasheet HTML 1Page - Dynex Semiconductor DFM1200AXM45-TS000 Datasheet HTML 2Page - Dynex Semiconductor DFM1200AXM45-TS000 Datasheet HTML 3Page - Dynex Semiconductor DFM1200AXM45-TS000 Datasheet HTML 4Page - Dynex Semiconductor DFM1200AXM45-TS000 Datasheet HTML 5Page - Dynex Semiconductor DFM1200AXM45-TS000 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DFM1200AXM45-TS000
2/6
www.dynexsemi.com
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. In
extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package.
Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings may affect
device reliability.
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
VRRM
Repetitive peak reverse voltage
Tj = 125°C
4500
V
IF
Forward current (per arm)
DC, Tcase = 65°C
1200
A
IFM
Max. forward current
Tcase = 115°C, tp = 1ms
2400
A
I
2t
I
2t value fuse current rating
VR = 0, tp = 10ms, Tj = 125°C
460
kA
2s
Pmax
Max. power dissipation
Tcase = 25°C, Tj = 125°C
6250
W
Visol
Isolation voltage
– per module
Commoned terminals to base plate.
AC RMS, 1 min, 50Hz
7.4
kV
QPD
Partial discharge
– per module
IEC1287, V1 = 4800V, V2 = 3500V, 50Hz RMS
10
pC
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
AlN
Baseplate material:
AlSiC
Creepage distance:
56mm
Clearance:
26mm
CTI (Comparative Tracking Index):
> 600
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
Rth(j-c)
Thermal resistance (per arm)
Continuous dissipation
junction to case
-
-
16
°C/kW
Rth(c-h)
Thermal resistance
case to heatsink (per module)
Mounting torque 5Nm
(with mounting grease)
-
-
8
°C/kW
Tj
Junction temperature
-40
-
125
°C
Tstg
Storage temperature range
-40
-
125
°C
Screw Torque
Mounting
– M6
-
-
5
Nm
Electrical connections
– M8
-
-
10
Nm


Similar Part No. - DFM1200AXM45-TS000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM1200AXM45-TS000 DYNEX-DFM1200AXM45-TS000_15 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
More results

Similar Description - DFM1200AXM45-TS000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
   Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
DFM800XXM45-TS001 DYNEX-DFM800XXM45-TS001 Datasheet
261Kb / 6P
   Fast Recovery Diode Module
DFM200PXM33-F000 DYNEX-DFM200PXM33-F000_15 Datasheet
240Kb / 6P
   Fast Recovery Diode Module
DFM1200AXM45-TS001 DYNEX-DFM1200AXM45-TS001_15 Datasheet
296Kb / 6P
   Fast Recovery Diode Module
DFM1200EXM18-A000 DYNEX-DFM1200EXM18-A000_15 Datasheet
265Kb / 6P
   Fast Recovery Diode Module
DFM1200EXS12-A000 DYNEX-DFM1200EXS12-A000_15 Datasheet
269Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000_15 Datasheet
251Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000_15 Datasheet
291Kb / 6P
   Fast Recovery Diode Module
DFM1200XXM45-TS001 DYNEX-DFM1200XXM45-TS001_15 Datasheet
294Kb / 6P
   Fast Recovery Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com