Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0415A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # PF0415A
Description  MOS FET Power Amplifier Module for PCS 1900 Handy Phone
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0415A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  PF0415A Datasheet HTML 1Page - Hitachi Semiconductor PF0415A Datasheet HTML 2Page - Hitachi Semiconductor PF0415A Datasheet HTML 3Page - Hitachi Semiconductor PF0415A Datasheet HTML 4Page - Hitachi Semiconductor PF0415A Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PF0415A
MOS FET Power Amplifier Module
for PCS 1900 Handy Phone
ADE-208-473C (Z)
4th Edition
August 1997
Application
For PCS 1900 class1 1850 to 1910 MHz.
Features
• 3stage amplifier
• Small package : 0.2cc
• High efficiency : 45% Typ
• High speed switching : 0.9µsec
Pin Arrangement
G
4
G
3
1
G
G
2
1: Pin
2: Vapc
3: Vdd
4: Pout
G: GND
• RF-K
Absolute Maximum Ratings (Tc = 25°C)
Item
Symbol
Rating
Unit
Supply voltage
V
DD
11
V
Supply current
I
DD
3A
V
APC voltage
V
APC
6V
Input power
Pin
20
mW
Operating case temperature
Tc (op)
–30 to +100
°C
Storage temperature
Tstg
–30 to +100
°C
Output power
Pout
3
W


Similar Part No. - PF0415A

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
PF0410-100-JB RCD-PF0410-100-JB Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JBQ RCD-PF0410-100-JBQ Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JBW RCD-PF0410-100-JBW Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JT RCD-PF0410-100-JT Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
PF0410-100-JTQ RCD-PF0410-100-JTQ Datasheet
31Kb / 1P
   MOLDED SHIELDED INDUCTORS
More results

Similar Description - PF0415A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF00105A HITACHI-PF00105A Datasheet
62Kb / 11P
   MOS FET Power Amplifier Module for AMPS Handy Phone
logo
Renesas Technology Corp
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
PF08134B RENESAS-PF08134B Datasheet
123Kb / 14P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
PF08127 RENESAS-PF08127 Datasheet
140Kb / 18P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Oct. 2002
logo
Hitachi Semiconductor
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0414B HITACHI-PF0414B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
logo
Renesas Technology Corp
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
logo
Hitachi Semiconductor
PF0414A HITACHI-PF0414A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com