Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17431 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA17431
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17431 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA17431 Datasheet HTML 1Page - Hitachi Semiconductor HA17431 Datasheet HTML 2Page - Hitachi Semiconductor HA17431 Datasheet HTML 3Page - Hitachi Semiconductor HA17431 Datasheet HTML 4Page - Hitachi Semiconductor HA17431 Datasheet HTML 5Page - Hitachi Semiconductor HA17431 Datasheet HTML 6Page - Hitachi Semiconductor HA17431 Datasheet HTML 7Page - Hitachi Semiconductor HA17431 Datasheet HTML 8Page - Hitachi Semiconductor HA17431 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
HA17431 Series
Shunt Regulator
ADE-204-049A (Z)
Rev.1
Sep. 2002
Description
The HA17431 series is temperature-compensated variable shunt regulators. The main application of these
products is in voltage regulators that provide a variable output voltage. The on-chip high-precision
reference voltage source can provide ±1% accuracy in the V versions, which have a V
KA max of 16 volts.
The HA17431VLP, which is provided in the MPAK-5 package, is designed for use in switching mode
power supplies. It provides a built-in photocoupler bypass resistor for the PS pin, and an error amplifier
can be easily constructed on the supply side.
Features
• The V versions provide 2.500 V ±1% at Ta = 25°C
• The HA17431VLP includes a photocoupler bypass resistor (2 kΩ)
• The reference voltage has a low temperature coefficient
• The MPAK-5(5-pin), MPAK(3-pin) and UPAK miniature packages are optimal for use on high
mounting density circuit boards
• Car use is provided
Block Diagram
A
+
REF
K
PS*
2k
2.500V
Note: * The PS pin is only provided by the HA17431VLP.


Similar Part No. - HA17431

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431 RENESAS-HA17431 Datasheet
246Kb / 20P
   Shunt Regulato
HA17431FP RENESAS-HA17431FP Datasheet
246Kb / 20P
   Shunt Regulato
logo
Hitachi Semiconductor
HA17431FPA HITACHI-HA17431FPA Datasheet
47Kb / 11P
   High-Precision Variable Shunt Regulators
HA17431FPA HITACHI-HA17431FPA Datasheet
88Kb / 13P
   High-Precision Variable Shunt Regulators
logo
Renesas Technology Corp
HA17431FPA RENESAS-HA17431FPA Datasheet
246Kb / 20P
   Shunt Regulato
More results

Similar Description - HA17431

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6413258F10V RENESAS-HD6413258F10V Datasheet
1Mb / 301P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
HA17358A-E RENESAS-HA17358A-E Datasheet
125Kb / 12P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
logo
List of Unclassifed Man...
E702360_SH7058 ETC-E702360_SH7058 Datasheet
2Mb / 321P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Renesas Technology Corp
2SK3235 RENESAS-2SK3235 Datasheet
69Kb / 12P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
List of Unclassifed Man...
HA16129AFPJ ETC-HA16129AFPJ Datasheet
151Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Renesas Technology Corp
HD6473228P10V RENESAS-HD6473228P10V Datasheet
1Mb / 301P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com