Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM500GCM33-TS000 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DIM500GCM33-TS000
Description  IGBT Chopper Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM500GCM33-TS000 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DIM500GCM33-TS000 Datasheet HTML 1Page - Dynex Semiconductor DIM500GCM33-TS000 Datasheet HTML 2Page - Dynex Semiconductor DIM500GCM33-TS000 Datasheet HTML 3Page - Dynex Semiconductor DIM500GCM33-TS000 Datasheet HTML 4Page - Dynex Semiconductor DIM500GCM33-TS000 Datasheet HTML 5Page - Dynex Semiconductor DIM500GCM33-TS000 Datasheet HTML 6Page - Dynex Semiconductor DIM500GCM33-TS000 Datasheet HTML 7Page - Dynex Semiconductor DIM500GCM33-TS000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DIM500GCM33-TS000
4/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ELECTRICAL CHARACTERISTICS
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 500A
VGE = ±15V
VCE = 1800V
RG(ON) = 4.7
RG(OFF) = 4.7
Cge = 100nF
LS ~ 100nH
2700
ns
tf
Fall time
520
ns
EOFF
Turn-off energy loss
1000
mJ
td(on)
Turn-on delay time
1000
ns
tr
Rise time
400
ns
EON
Turn-on energy loss
650
mJ
Qrr
Diode reverse recovery charge
IF = 500A
VCE = 1800V
dIF/dt = 1400A/μs
285
μC
Irr
Diode reverse recovery current
310
A
Erec
Diode reverse recovery energy
350
mJ
Tcase = 125°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 500A
VGE = ±15V
VCE = 1800V
RG(ON) = 4.7
RG(OFF) = 4.7
Cge = 100nF
LS ~ 100nH
2750
ns
tf
Fall time
570
ns
EOFF
Turn-off energy loss
1100
mJ
td(on)
Turn-on delay time
1020
ns
tr
Rise time
420
ns
EON
Turn-on energy loss
850
mJ
Qrr
Diode reverse recovery charge
IF = 500A
VCE = 1800V
dIF/dt = 1400A/μs
470
μC
Irr
Diode reverse recovery current
390
A
Erec
Diode reverse recovery energy
600
mJ
Tcase = 150°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 500A
VGE = ±15V
VCE = 1800V
RG(ON) = 4.7
RG(OFF) = 4.7
Cge = 100nF
LS ~ 100nH
2800
ns
tf
Fall time
550
ns
EOFF
Turn-off energy loss
1150
mJ
td(on)
Turn-on delay time
1030
ns
tr
Rise time
430
ns
EON
Turn-on energy loss
950
mJ
Qrr
Diode reverse recovery charge
IF = 500A
VCE = 1800V
dIF/dt = 1400A/μs
535
μC
Irr
Diode reverse recovery current
400
A
Erec
Diode reverse recovery energy
650
mJ


Similar Part No. - DIM500GCM33-TS000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM500GCM33-TS000 DYNEX-DIM500GCM33-TS000_15 Datasheet
419Kb / 8P
   IGBT Chopper Module
More results

Similar Description - DIM500GCM33-TS000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
DIM250PKM33-TS000 DYNEX-DIM250PKM33-TS000 Datasheet
411Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com