Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM500GDM33-TS000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DIM500GDM33-TS000
Description  Dual Switch IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM500GDM33-TS000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DIM500GDM33-TS000 Datasheet HTML 1Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 2Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 3Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 4Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 5Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 6Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 7Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIM500GDM33-TS000
Dual Switch IGBT Module
Replaces DS6097-2
DS6097-3 September 2014 (LN31961)
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
1/8
www.dynexsemi.com
FEATURES
10µs Short Circuit Withstand
High Thermal Cycling Capability
High Current Density Enhanced DMOS SPT
Isolated AlSiC Base with AlN Substrates
APPLICATIONS
High Reliability Inverters
Motor Controllers
Traction Drives
Choppers
The Powerline range of high power modules includes
half bridge, chopper, dual, single and bi-directional
switch configurations covering voltages from 1200V to
6500V and currents up to 2400A.
The DIM500GDM33-TS000 is a single switch 3300V,
n-channel enhancement mode, insulated gate bipolar
transistor (IGBT) module. The IGBT has a wide
reverse bias safe operating area (RBSOA) plus 10μs
short circuit withstand. This device is optimised for
traction drives and other applications requiring high
thermal cycling capability.
The module incorporates an electrically isolated base
plate and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise
grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM500GDM33-TS000
Note: When ordering, please use the complete part
number
KEY PARAMETERS
VCES
3300V
VCE(sat) * (typ)
2.2V
IC
(max)
500A
IC(PK)
(max)
1000A
* Measured at the auxiliary terminals
Fig. 1 Circuit configuration
Outline type code: G
(See Fig. 11 for further information)
Fig. 2 Package
8(E
2)
9(G
2)
10(C
2)
6(G
1)
5(C
1)
3(C1)
7(E
1)
4(E2)
2(C)
1(E1)


Similar Part No. - DIM500GDM33-TS000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM500GDM33-TS000 DYNEX-DIM500GDM33-TS000_15 Datasheet
414Kb / 8P
   Dual Switch IGBT Module
More results

Similar Description - DIM500GDM33-TS000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DDM17-A000 DYNEX-DIM400DDM17-A000 Datasheet
144Kb / 10P
   Dual Switch IGBT Module
GP800DDS18 DYNEX-GP800DDS18 Datasheet
135Kb / 10P
   Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000 Datasheet
617Kb / 8P
   Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000 Datasheet
171Kb / 10P
   Dual Switch IGBT Module
DIM800DDM17-A000 DYNEX-DIM800DDM17-A000_15 Datasheet
323Kb / 8P
   Dual Switch IGBT Module
DIM400DDS12-A000 DYNEX-DIM400DDS12-A000_15 Datasheet
390Kb / 8P
   Dual Switch IGBT Module
DIM500GDM33-TS000 DYNEX-DIM500GDM33-TS000_15 Datasheet
414Kb / 8P
   Dual Switch IGBT Module
DIM600DDS12-A000 DYNEX-DIM600DDS12-A000_15 Datasheet
392Kb / 8P
   Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000_15 Datasheet
391Kb / 8P
   Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000_10 Datasheet
317Kb / 8P
   Dual Switch IGBT Module
DIM400GDM33-F032 DYNEX-DIM400GDM33-F032 Datasheet
366Kb / 8P
   Dual Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com