Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-22UYSYGC-S530-A5-TR8 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 67-22UYSYGC-S530-A5-TR8
Description  Bi-Color (Multi-Color) Top LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-22UYSYGC-S530-A5-TR8 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  67-22UYSYGC-S530-A5-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-22UYSYGC-S530-A5-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 1 o11
Device No. DSE-672-064
prepared date:19-Jul-2006
Prepared by:Rita Shen
Technical Data Sheet
Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC/S530-A5/TR8
Features
․P-LCC-4 package.
․White package.
․Optical indicator.
․Colorless clear window.
․Ideal for backlight and light pipe application.
Inter reflector.
․Wide viewing angle.
․Suitable for vapor-phase reflow, Infrared reflow
and wave solder processes.
․Computable with automatic placement equipment.
․Available on tape and reel (8mm Tape).
․Pb-free
․The product itself will remain within RoHS compliant version.
Descriptions
․The 67-22 series is available in soft orange, green,
blue and yellow.Due to the package design, the
LED has wide viewing angle and optimized light
coupling by inter reflector, this feature makes the
ideal for light pipe application.The low current
requirement makes this device ideal for portable
equipment or any other application where power is
at a premium.
Applications
․Automotive: backlight in dashboards and switches.
Telecommunication: indicator and backlight in elephone and fax.
Indicator and backlight for audio and video equipment.
Indicator and backlight in office and family equipment.
Flat backlight for LCD’s, s
witches and symbols.
Light pipe application.
General use.
Device Selection Guide
Chip
Type
Material
Emitted Color
Lens Color
UY
AlGaInP
Brilliant Yellow
SYG
AlGaInP
Brilliant Yellow Green
Water Clear


Similar Part No. - 67-22UYSYGC-S530-A5-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
More results

Similar Description - 67-22UYSYGC-S530-A5-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-22VRVGC-TR8 EVERLIGHT-67-22VRVGC-TR8 Datasheet
194Kb / 10P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5 EVERLIGHT-67-22UYSYGC-S530-A5 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
67-22UYOSYGC-S530-A3-E2 EVERLIGHT-67-22UYOSYGC-S530-A3-E2 Datasheet
242Kb / 10P
   Bi-Color (Multi-Color) Top View LEDs
67-22SURSYGC-S530-A2-TR8 EVERLIGHT-67-22SURSYGC-S530-A2-TR8 Datasheet
184Kb / 10P
   Bi-Color (Multi-Color) Top View LEDs
67-22-R6BHC-B07-2T EVERLIGHT-67-22-R6BHC-B07-2T Datasheet
228Kb / 11P
   Bi-Color (Multi-color) Top Views LEDs
67-22USRSYGC-S530-A3-E3 EVERLIGHT-67-22USRSYGC-S530-A3-E3 Datasheet
182Kb / 11P
   Bi-Color Top View LEDs
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-226-R6GHC-A03-2T EVERLIGHT-19-226-R6GHC-A03-2T Datasheet
186Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com