Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMK107B7474MA-TR Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK107B7474MA-TR
Description  High Value Multilayer Ceramic Capacitors (High dielectric type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK107B7474MA-TR Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  UMK107B7474MA-TR Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UMK107B7474MA-TR Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data- 10R1A12
RoHS compliance product
UMK107B7474MA-TR
50V 1608 X7R 0.47uF +/-20% t=0.9mmMAX
50V 0603 X7R 0.47uF +/-20% t=0.035inchMAX
UMK107B7474MA-TR
DC Bias Char.
-100
-80
-60
-40
-20
0
20
0
10
20
304050
DC Bias Voltage[V]
UMK107B7474MA-TR
Capacitance Temp.
-30
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
105 125
Temperature[degreeC]
UMK107B7474MA-TR
Ripple Current
1
10
100
0
0.5
1
1.5
2
2.5
Ripple Current[Arms]
10KHz
100KHz
1MHz
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
UMK107B7474MA-TR
Capacitance Freq.
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000 10000
Frequency[MHz]
UMK107B7474MA-TR
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000 10000
Frequency[MHz]
ESR
Z


Similar Part No. - UMK107B7474MA-TR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK107B7474MA8TE TAIYO-YUDEN-UMK107B7474MA8TE Datasheet
408Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
UMK107B7474MAHTE TAIYO-YUDEN-UMK107B7474MAHTE Datasheet
418Kb / 3P
   MLCC (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
More results

Similar Description - UMK107B7474MA-TR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK042BJ472MC-W TAIYO-YUDEN-LMK042BJ472MC-W Datasheet
288Kb / 2P
   Value Multilayer Ceramic Capacitors (High dielectric type)
LMK316F226ZL-T TAIYO-YUDEN-LMK316F226ZL-T Datasheet
312Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK107BJ105KA-T TAIYO-YUDEN-LMK107BJ105KA-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK325BJ226MM-T TAIYO-YUDEN-LMK325BJ226MM-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
CEJMK212BJ476MG-T TAIYO-YUDEN-CEJMK212BJ476MG-T Datasheet
137Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ105KV-F TAIYO-YUDEN-TMK105BJ105KV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ153MV-F TAIYO-YUDEN-TMK105BJ153MV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK105BJ104MV-F TAIYO-YUDEN-GMK105BJ104MV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ472MP-F TAIYO-YUDEN-TMK063BJ472MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK063BJ223MP-F TAIYO-YUDEN-LMK063BJ223MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK105F473ZV-F TAIYO-YUDEN-EMK105F473ZV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com