Electronic Components Datasheet Search |
|
39521-4020 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
39521-4020 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 10/07/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 39521-4020 Status: Active Overview: Eurostyle™ Terminal Blocks Description: 5.00mm Pitch Eurostyle™ Vertical PCB Header, Surface Mount Compatible, 20 Circuits Documents: 3D Model Product Specification PS-39500-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Terminal Blocks Series 39521 Application N/A Component Type PCB Header Overview Eurostyle™ Terminal Blocks Product Name ESE, Eurostyle™Pluggable Type Euro Block UPC 822350479431 Physical Circuits (Loaded) 20 Entry Angle N/A Lock to Mating Part Yes Number of Rows 1 Orientation Vertical PC Tail Length 3.90mm PCB Thickness - Recommended 3.20mm Panel Mount No Pitch - Mating Interface 5.00mm Pitch - Termination Interface 5.00mm Polarized to Mating Part Yes Shrouded Closed Ends Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -40°C to +140°C Wire Size AWG N/A Electrical Current - Maximum per Contact 15A Voltage - Maximum 300V Material Info Reference - Drawing Numbers Product Specification PS-39500-001 Sales Drawing SD-39521-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 39521Series Mates With 39520 Horizontal Plug, 39523 Vertical Plug, Most 5.00mm Pitch Industry Standard Plugs This document was generated on 10/07/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 39521-4020 |
|
Similar Description - 39521-4020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |