Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103SR13A-1 Datasheet(PDF) 9 Page - Honeywell Accelerometers

Part # 103SR13A-1
Description  Hall-effect Position Sensors with Sealed Housing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

103SR13A-1 Datasheet(HTML) 9 Page - Honeywell Accelerometers

Back Button 103SR13A-1 Datasheet HTML 5Page - Honeywell Accelerometers 103SR13A-1 Datasheet HTML 6Page - Honeywell Accelerometers 103SR13A-1 Datasheet HTML 7Page - Honeywell Accelerometers 103SR13A-1 Datasheet HTML 8Page - Honeywell Accelerometers 103SR13A-1 Datasheet HTML 9Page - Honeywell Accelerometers 103SR13A-1 Datasheet HTML 10Page - Honeywell Accelerometers 103SR13A-1 Datasheet HTML 11Page - Honeywell Accelerometers 103SR13A-1 Datasheet HTML 12Page - Honeywell Accelerometers 103SR13A-1 Datasheet HTML 13Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
sensing.honeywell.com
Hall-effect Position Sensors with Sealed Housing
Unipolar Digital Hall-effect Position Sensors
Sensor will be
located anywhere within
1,27 mm [ 0.05 in]
Catalog listing
Date code
15/32-32 UNS-2A
3 x 6,35 mm ±0,76 mm
[3 x 0.25 in ±0.10 in]
152,4 mm ±7,62 mm
[6.0 in ±0.30 in]
25,4 mm ±1,02 mm
[1.0 in ±0.04 in]
3X lock hex nut
Sensing face
Sensor will be
located anywhere within
0,64 mm [ 0.025 in]
Catalog listing
MICRO
Date code
3 x 6,01 mm ±0,76 mm
[3 x 0.24 in ±0.03 in]
3 x 304,8 mm ±7,62 mm
[3 x 12.0 in ±0.30 in]
25,4 mm ±1,02 mm
[1.0 in ±0.04 in]
3X 24 gauge conductor
wire leads (individual wires)
15/32-32 UNS-2A
2X hex nut
Sensing face
Sensor will be
located anywhere within
0,64 mm [ 0.025 in]
Catalog listing
MICRO
Date code
3 x 15,88 mm ±0,76 mm
[3 x 0.625 in ±0.03 in]
3 x 355,6 mm ±12,7 mm
[3 x 14.0 in ±0.50 in]
25,4 mm ±1,02 mm
[1.0 in ±0.04 in]
3X 24 gauge conductor
wire leads (individual wires)
15/32-32 UNS-2A
2X hex nut
Sensing face
Sensor will be
located anywhere within
0,64 mm [ 0.025 in]
Catalog listing
MICRO
Date code
3 x 6,01 mm ±0,76 mm
[3 x 0.24 in ±0.03 in]
3 x 152,4 mm ±7,62 mm
[3 x 6.0 in ±0.30 in]
25,4 mm ±1,02 mm
[1.0 in ±0.04 in]
3X 24 gauge conductor
wire leads (individual wires)
15/32-32 UNS-2A
2X hex nut
Sensing face
Sensitive area is located
1,27 mm [0.05 in] behind
the sensing face
Sensitive area is located
1,27 mm [0.05 in] behind
the sensing face
Sensitive area is located
1,27 mm [0.05 in] behind
the sensing face
Sensitive area is located
1,27 mm [0.05 in] behind
the sensing face
Figure 11. 103SR13A-13
Figure 13. 103SR13A-16
Figure 12. 103SR13A-14
Figure 14. 103SR14A-1


Similar Part No. - 103SR13A-1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
103SR13A-2 HONEYWELL-103SR13A-2 Datasheet
55Kb / 3P
   Current sinking or current sourcing ouput
logo
Honeywell Accelerometer...
103SR13A-4 HONEYWELL-ACC-103SR13A-4 Datasheet
142Kb / 1P
   MAGNETICALLY OPERATED CYLINDRICAL HALL SWITCH
More results

Similar Description - 103SR13A-1

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
103SR3F-5 HONEYWELL-ACC-103SR3F-5 Datasheet
619Kb / 17P
   Hall-effect Position Sensors with Sealed Housing
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
   BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Honeywell Solid State E...
RTY360LVNAX HONEYWELL-RTY360LVNAX Datasheet
1Mb / 10P
   Hall-effect Rotary Position Sensors
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
   BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
   Bipolar Hall-effect Magnetic Position Sensors
SS351AT HONEYWELL-SS351AT Datasheet
433Kb / 4P
   Omnipolar Hall-effect Digital Position Sensors
SS340RT HONEYWELL-SS340RT Datasheet
442Kb / 4P
   Unipolar Hall-Effect Digital Position Sensors
logo
Honeywell Accelerometer...
SS551AT HONEYWELL-ACC-SS551AT Datasheet
432Kb / 4P
   Omnipolar Hall-effect Digital Position Sensors
logo
Honeywell Solid State E...
SS520 HONEYWELL-SS520 Datasheet
72Kb / 4P
   Dual Hall-effect Digital Position Sensors with speed & direction outputs
logo
Littelfuse
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
   Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com