Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1620 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 32x4 LCD Controller for I/O C
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1620 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
HT1620
RAM Mapping 32´4 LCD Controller for I/O mC
Selection Table
HT162X
HT1620 HT1621 HT1622 HT16220 HT1623 HT1625 HT1626 HT1627 HT16270
COM
4
48
8
8
8
16
16
16
SEG
32
32
32
32
48
64
48
64
64
Built-in Osc.
ÖÖ
Ö
Ö
Ö
Ö
Crystal Osc.
ÖÖ
Ö
Ö
Ö
Ö
Ö
1
July 26, 1999
Features
·
Logic operating voltage: 2.4V~3.3V
·
LCD voltage: 3.6V~4.9V
·
Low operating current <3mAat3V
·
External 32.768kHz crystal oscillator
·
Selection of 1/2 or 1/3 bias, and selection of
1/2 or 1/3 or 1/4 duty LCD applications
·
Internal time base frequency sources
·
Two selectable buzzer frequencies
(2kHz/4kHz)
·
Built-in capacitor type bias charge pump
·
Time base or WDT overflow output
·
8 kinds of time base/WDT clock source
·
32´4 LCD driver
·
Built-in 32´4-bit display RAM
·
3-wire serial interface
·
Internal LCD driving frequency source
·
Software configuration feature
·
R/W address auto increment
·
Data mode and command mode
instructions
·
Three data accessing modes
General Description
The HT1620 is a 128 pattern (32´4), memory
mapping, and multi-function LCD driver. The
S/W configuration feature of the HT1620
makes it suitable for multiple LCD applica-
tions including LCD modules and display sub-
systems. Only three or four lines are required
for the interface between the host controller
and the HT1620. The HT1620 consumes low
operating current owing to adopting capacitor
type bias charge pump. The HT162X series
have many kinds of products that match vari-
ous applications.


Similar Part No. - HT1620

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620G HOLTEK-HT1620G_11 Datasheet
146Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
More results

Similar Description - HT1620

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621 HOLTEK-HT1621 Datasheet
167Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
ARTSCHIP ELECTRONICS CO...
HT1621 ARTSCHIP-HT1621 Datasheet
347Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
Holtek Semiconductor In...
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
   RAM Mapping 64x16 LCD Controller for I/O C
HT1626 HOLTEK-HT1626 Datasheet
152Kb / 17P
   RAM Mapping 48x16 LCD Controller for I/O C
HT16220 HOLTEK-HT16220 Datasheet
148Kb / 17P
   RAM Mapping 32x8 LCD Controller for I/O C
HT1623 HOLTEK-HT1623 Datasheet
155Kb / 18P
   RAM Mapping 48x8 LCD Controller for I/O C
HT1625 HOLTEK-HT1625 Datasheet
153Kb / 17P
   RAM Mapping 64x 8 LCD Controller for I/O C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com