Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6535 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N6535
Description  Silicon Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6535 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6535 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6535 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6535 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon Power Transistors
2N6535
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A ; IB=0
100
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A IB=6mA
3.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=8A IB=0.08A
3.0
V
VBE-1
Base -emitter on voltage
IC=3A ; VCE=3V
2.8
V
VBE-2
Base -emitter on voltage
IC=8A ; VCE=3V
4.5
V
ICBO
Collector cut-off current
VCB=100V IE=0
0.5
mA
ICEO
Collector cut-off current
VCE=100V IB=0
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5.0
mA
hFE-1
DC current gain
IC=3A ; VCE=3V
500
10000
hFE-2
DC current gain
IC=8A ; VCE=3V
100
5000
VF
Diode forward voltage
IF=5A
4.0
V


Similar Part No. - 2N6535

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6535 SEME-LAB-2N6535 Datasheet
11Kb / 1P
   Bipolar NPN Device
logo
Savantic, Inc.
2N6535 SAVANTIC-2N6535 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6535 JMNIC-2N6535 Datasheet
125Kb / 3P
   Silicon Power Transistors
logo
Savantic, Inc.
2N6535 SAVANTIC-2N6535 Datasheet
113Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6535 NJSEMI-2N6535 Datasheet
71Kb / 2P
   Silicon NPN Power Transistors
More results

Similar Description - 2N6535

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com