Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7660JC Datasheet(PDF) 4 Page - NEC

Part # NX7660JC
Description  InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX7660JC Datasheet(HTML) 4 Page - NEC

  NX7660JC Datasheet HTML 1Page - NEC NX7660JC Datasheet HTML 2Page - NEC NX7660JC Datasheet HTML 3Page - NEC NX7660JC Datasheet HTML 4Page - NEC NX7660JC Datasheet HTML 5Page - NEC NX7660JC Datasheet HTML 6Page - NEC NX7660JC Datasheet HTML 7Page - NEC NX7660JC Datasheet HTML 8Page - NEC NX7660JC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet P14128EJ2V0DS00
4
NX7660JC
ELECTRO-OPTICAL CHARACTERISTICS
(Applicable to Monitor PD: TLD = 25 °C, TC = –5 to +70 °C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Monitor Current
Im
VR = 5 V, Pf = 5 mW
50
150
260
µA
Monitor Dark Current
ID
VR = 5 V
1.0
10
nA
Tracking Error
γ
*1
Im = const.
0.5
dB
*1
γ = 10 log
Pf
(mW)
5
Pf
0
Im
Im
TLD = TC = 25 ˚C
TLD = 25 ˚C,
TC = –5 to +70 ˚C
(@ Pf (25 ˚C) = 5 mW)
ELECTRO-OPTICAL CHARACTERISTICS
(Applicable to Thermistor and TEC: TLD = 25 °C, TC = –5 to +70 °C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Thermistor Resistance
R
9.5
10.0
10.5
k
B Constant
B
3 300
3 400
3 500
K
Cooler Current
IC
∆T = 45 K
0.6
1.0
A
Cooler Voltage
VC
∆T = 45 K
1.4
2.0
V
Cooling Capacity
∆T
*1
IC = 1.0 A
45
K
*1
∆T = TC – TLD
Pf
5 mW


Similar Part No. - NX7660JC

ManufacturerPart #DatasheetDescription
logo
NEC
NX7660JC NEC-NX7660JC Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX7660JC NEC-NX7660JC Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
More results

Similar Description - NX7660JC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7663JB-BC RENESAS-NX7663JB-BC Datasheet
159Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
NEC
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
logo
California Eastern Labs
NX7663JB-BC CEL-NX7663JB-BC Datasheet
957Kb / 6P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7663JB-BC RENESAS-NX7663JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
NEC
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7553P NEC-NDL7553P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1550 nm OTDR APPLICATION
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7514P NEC-NDL7514P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7553P NEC-NDL7553P Datasheet
66Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com