Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1626 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1626
Description  RAM Mapping 48x16 LCD Controller for I/O C
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1626 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1626 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
HT1626
RAM Mapping 48´16 LCD Controller for I/O mC
Selection Table
HT162X
HT1620 HT1621 HT1622 HT16220 HT1623 HT1625 HT1626 HT1627 HT16270
COM
44
8
8
8
8
16
16
16
SEG
32
32
32
32
48
64
48
64
64
Built-in Osc.
ÖÖ
Ö
Ö
Ö
Ö
Crystal Osc.
Ö
Ö
Ö
ÖÖÖ
Ö
1
April 21, 2000
Features
·
Operating voltage: 2.7V~5.2V
·
Built-in RC oscillator
·
External 32.768kHz crystal or 32kHz
frequency source input
·
1/5 bias, 1/16 duty, frame frequency is 64Hz
·
Max.48´16patterns,16commons,48segments
·
Built-in internal resistor type bias generator
·
3-wire serial interface
·
8 kinds of time base/WDT selection
·
Time base or WDT overflow output
·
Built-in LCD display RAM
·
R/W address auto increment
·
Two selection buzzer frequencies
(2kHz/4kHz)
·
Power down command reduces power
consumption
·
Software configuration feature
·
Data mode and Command mode instructions
·
Three data accessing modes
·
VLCD pin to adjust LCD operating voltage
·
Cascade application
General Description
HT1626 is a peripheral device specially de-
signed for I/O type mC used to expand the dis-
play capability. The max. display segment of
the device are 768 patterns (48´16). It also sup-
ports serial interface, buzzer sound, Watchdog
Timer or time base timer functions. The
HT1626 is a memory mapping and
multi-function LCD controller. The software
configuration feature of the HT1626 make it
suitable for multiple LCD applications includ-
ing LCD modules and display subsystems. Only
three lines are required for the interface be-
tween the host controller and the HT1626. The
HT162X series have many kinds of products
that match various applications.


Similar Part No. - HT1626

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1626 HOLTEK-HT1626 Datasheet
187Kb / 15P
   RAM Mapping 48x16 LCD Controller for I/O MCU
HT1626 HOLTEK-HT1626 Datasheet
135Kb / 15P
   RAM Mapping 4816 LCD Controller for I/O MCU
HT1626 HOLTEK-HT1626 Datasheet
154Kb / 15P
   RAM Mapping 4816 LCD Controller for I/O MCU
HT1626 HOLTEK-HT1626_02 Datasheet
187Kb / 15P
   RAM Mapping 48x16 LCD Controller for I/O MCU
HT1626 HOLTEK-HT1626_09 Datasheet
135Kb / 15P
   RAM Mapping 4816 LCD Controller for I/O MCU
More results

Similar Description - HT1626

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1626 HOLTEK-HT1626_02 Datasheet
187Kb / 15P
   RAM Mapping 48x16 LCD Controller for I/O MCU
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
   RAM Mapping 64x16 LCD Controller for I/O C
HT1620 HOLTEK-HT1620 Datasheet
180Kb / 17P
   RAM Mapping 32x4 LCD Controller for I/O C
HT1621 HOLTEK-HT1621 Datasheet
167Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O C
HT16220 HOLTEK-HT16220 Datasheet
148Kb / 17P
   RAM Mapping 32x8 LCD Controller for I/O C
HT1623 HOLTEK-HT1623 Datasheet
155Kb / 18P
   RAM Mapping 48x8 LCD Controller for I/O C
HT1625 HOLTEK-HT1625 Datasheet
153Kb / 17P
   RAM Mapping 64x 8 LCD Controller for I/O C
HT16270 HOLTEK-HT16270 Datasheet
151Kb / 17P
   RAM Mapping 64 x16 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com