Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR604-TP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # FR604-TP
Description  6 Amp Fast Recovery Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR604-TP Datasheet(HTML) 3 Page - Micro Commercial Components

  FR604-TP Datasheet HTML 1Page - Micro Commercial Components FR604-TP Datasheet HTML 2Page - Micro Commercial Components FR604-TP Datasheet HTML 3Page - Micro Commercial Components FR604-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FR601 thru FR607
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 5
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
50
100
150
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
200
250
300
M C C
Revision: 5
2009/02/25
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - FR604-TP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR604-T3 WTE-FR604-T3 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
FR604-T3 WTE-FR604-T3 Datasheet
61Kb / 4P
   6.0A FAST RECOVERY DIODE
More results

Similar Description - FR604-TP

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FR601-R-6 YFWDIODE-FR601-R-6 Datasheet
397Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 YFWDIODE-FR601 Datasheet
95Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MR750FR MCC-MR750FR Datasheet
84Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601 Datasheet
79Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601_11 Datasheet
239Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR6A MCC-FR6A_08 Datasheet
444Kb / 5P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR6A MCC-FR6A Datasheet
353Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601_13 Datasheet
271Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
   6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP Datasheet
79Kb / 3P
   6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com